Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NE8FBV-C5-LED1 Datasheet(PDF) 2 Page - Neutrik AG

Part # NE8FBV-C5-LED1
Description  Vertical PCB mount RJ45 receptacle, CAT5e, two light pipes for SMD-LEDs, B-Series cutout with latch lock, max. panel thickness 3 mm
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEUTRIK [Neutrik AG]
Direct Link  https://www.neutrik.us/en-us
Logo NEUTRIK - Neutrik AG

NE8FBV-C5-LED1 Datasheet(HTML) 2 Page - Neutrik AG

  NE8FBV-C5-LED1 Datasheet HTML 1Page - Neutrik AG NE8FBV-C5-LED1 Datasheet HTML 2Page - Neutrik AG NE8FBV-C5-LED1 Datasheet HTML 3Page - Neutrik AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Technical Information
Product
Title
NE8FBV-C5-LED1
Gender
female
Electrical
Contact resistance
< 10 mΩ
Dielectric strength
1 kVdc
Frequencyrange
1 - 100 MHz
Insulation resistance
> 0.5 GΩ
Rated current per contact
1.5 A
Rated voltage
< 50 V
Transmission performance
CAT5e, acc. TIA/EIA 586C.2, IEC11801
Power over Ethernet
PoE+ acc. IEEE 802.3at
Mechanical
Insertion force
≤ 20 N
Withdrawal force
≤ 20 N
Lifetime
> 1000 mating cycles
Panel thickness
max. 3 mm (0.12'')
Wiresize
Wiring
vertical PCB mount
Locking device
Latch lock
Mounting direction
Rear mounting
Chassis shape
B
Recommended LED-height
0.75 mm (0.3“)
The final LED brightness depends on the actual LED height
and the angel of radiation. Subject to be tested!
NE8FBV-C5-LED1
2
/3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com