Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NE8FDP-R Datasheet(PDF) 2 Page - Neutrik AG

Part # NE8FDP-R
Description  Right angle RJ45 feedthrough receptacle, D-shape metal flange with latch lock, mounting screws included
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEUTRIK [Neutrik AG]
Direct Link  https://www.neutrik.us/en-us
Logo NEUTRIK - Neutrik AG

NE8FDP-R Datasheet(HTML) 2 Page - Neutrik AG

  NE8FDP-R Datasheet HTML 1Page - Neutrik AG NE8FDP-R Datasheet HTML 2Page - Neutrik AG NE8FDP-R Datasheet HTML 3Page - Neutrik AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Technical Information
Product
Title
NE8FDP-R
Gender
female
Electrical
Contact resistance
< 10 mΩ
Dielectric strength
1 KVdc
Frequencyrange
1 - 100 MHz
Insulation resistance
> 0.5 GΩ
Rated current per contact
1.5 A
Rated voltage
< 50 V
Transmission performance
CAT 5e
Standard compliance
TIA/EIA 586B, IEC11801
Mechanical
Insertion force
≤ 20 N
Withdrawal force
≤ 20 N
Lifetime
> 1000 mating cycles
Panel thickness
max. 4 mm , 0.16''
Wiresize
Wiring
Feedthrough
Locking device
Latch lock
Chassis shape
D
Material
Contact plating
0.2 µm Au over Ni plating
Contacts
Bronze (CuSn8)
Insert
PBTP 15 % GR
Shell
Zinc diecast (ZnAl4Cu1)
Shell plating
Nickel
NE8FDP-R
2
/3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com