Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCF4013M013TR Datasheet(PDF) 1 Page - STMicroelectronics

Part # HCF4013M013TR
Description  Dual D-type flip-flop
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4013M013TR Datasheet(HTML) 1 Page - STMicroelectronics

  HCF4013M013TR Datasheet HTML 1Page - STMicroelectronics HCF4013M013TR Datasheet HTML 2Page - STMicroelectronics HCF4013M013TR Datasheet HTML 3Page - STMicroelectronics HCF4013M013TR Datasheet HTML 4Page - STMicroelectronics HCF4013M013TR Datasheet HTML 5Page - STMicroelectronics HCF4013M013TR Datasheet HTML 6Page - STMicroelectronics HCF4013M013TR Datasheet HTML 7Page - STMicroelectronics HCF4013M013TR Datasheet HTML 8Page - STMicroelectronics HCF4013M013TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
This is information on a product in full production.
May 2013
DocID2023 Rev 4
1/13
HCF4013
Dual D-type flip-flop
Datasheet
- production data
Features
• Set-reset capability
• Static flip-flop operation - retains state
indefinitely with clock level either “high” or “low”
• Medium speed operation 16 MHz (typ.), clock
toggle rate at 10 V
• Standardized symmetrical output
characteristics
• Quiescent current specified up to 20 V
• 5 V, 10 V, and 15 V parametric ratings
• Input leakage current II = 100 nA (max.) at
VDD = 18 V, TA = 25 ° C
• 100 % tested for quiescent current
• ESD performance
–HBM: 2 kV
– MM: 200 V
–CDM: 1 kV
Applications
• Automotive
• Industrial
• Computer
• Consumer
Description
The HCF4013 is a monolithic integrated circuit
fabricated in metal oxide semiconductor
technology available in PDIP14 and SO14
packages.
The HCF4013 consists of two identical,
independent data type flip-flops. Each flip-flop has
independent data, set, reset, and clock inputs,
and Q and Q outputs. This device can be used for
shift register applications. It can also be used for
counter and toggle applications by connecting Q
output to the data input.
The logic level present at the D input is
transferred to the Q output during the positive-
going transition of the clock pulse. Setting or
resetting is independent of the clock and is
accomplished by a high level on the set or reset
line, respectively.
PDIP14
SO14
Table 1. Device summary table
Order code
Temperature range
Package
Packing
Marking
HCF4013M013TR
-55 ° C to +125 ° C
SO14
Tape and reel
HCF4013
HCF4013YM013TR (1)
-40 ° C to +125 ° C
SO14 (automotive grade)(1)
HCF4013Y
HCF4013BEY
-55 ° C to +125 ° C
PDIP14
Tube
HCF4013BE
1. Qualification and characterization according to AEC Q100 and Q003 or equivalent, advanced screening according to AEC
Q001 and Q002 or equivalent.
www.st.com


Similar Part No. - HCF4013M013TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCF4013M013TR STMICROELECTRONICS-HCF4013M013TR Datasheet
269Kb / 9P
DUAL D-TYPE FLIP FLOP
Sep-2001
More results

Similar Description - HCF4013M013TR

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC14013B MOTOROLA-MC14013B Datasheet
210Kb / 6P
Dual Type D Flip-Flop
logo
ON Semiconductor
MC14013B ONSEMI-MC14013B Datasheet
209Kb / 8P
Dual Type D Flip-Flop
March, 2000 ??Rev. 3
logo
NXP Semiconductors
74F74 PHILIPS-74F74 Datasheet
80Kb / 8P
Dual D-type flip-flop
1996 Mar 12
logo
Fairchild Semiconductor
MM74C74 FAIRCHILD-MM74C74 Datasheet
76Kb / 7P
Dual D-Type Flip-Flop
logo
Hitachi Semiconductor
HD14013B HITACHI-HD14013B Datasheet
80Kb / 7P
Dual D-type Flip Flop
logo
Fairchild Semiconductor
CD4013BC FAIRCHILD-CD4013BC_02 Datasheet
89Kb / 7P
Dual D-Type Flip-Flop
logo
Toshiba Semiconductor
TC4013BP TOSHIBA-TC4013BP_07 Datasheet
343Kb / 9P
Dual D-Type Flip Flop
logo
ON Semiconductor
MC74VHC74 ONSEMI-MC74VHC74_11 Datasheet
144Kb / 8P
Dual D-Type Flip-Flop
May, 2011 ??Rev. 8
logo
Nexperia B.V. All right...
HEF4013B-Q100 NEXPERIA-HEF4013B-Q100 Datasheet
770Kb / 17P
Dual D-type flip-flop
HEF4013B NEXPERIA-HEF4013B Datasheet
247Kb / 14P
Dual D-type flip-flop
Rev. 11 - 9 March 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com