Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC74ACT05D Datasheet(PDF) 4 Page - Motorola, Inc

Part # MC74ACT05D
Description  HEX INVERTER WITH OPEN-DRAIN OUTPUTS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC74ACT05D Datasheet(HTML) 4 Page - Motorola, Inc

  MC74ACT05D Datasheet HTML 1Page - Motorola, Inc MC74ACT05D Datasheet HTML 2Page - Motorola, Inc MC74ACT05D Datasheet HTML 3Page - Motorola, Inc MC74ACT05D Datasheet HTML 4Page - Motorola, Inc MC74ACT05D Datasheet HTML 5Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MC74AC05 MC74ACT05
5-4
FACT DATA
DC CHARACTERISTICS
Symbol
Parameter
VCC
(V)
74ACT
74ACT
Unit
Conditions
Symbol
Parameter
VCC
(V)
TA = +25°C
TA =
–40
°C to +85°C
Unit
Conditions
Typ
Guaranteed Limits
VIH
Minimum High Level
Input Voltage
4.5
1.5
2.0
2.0
V
VOUT = 0.1 V
Input Voltage
5.5
1.5
2.0
2.0
V
or VCC – 0.1 V
VIL
Maximum Low Level
Input Voltage
4.5
1.5
0.8
0.8
V
VOUT = 0.1 V
Input Voltage
5.5
1.5
0.8
0.8
V
or VCC – 0.1 V
VOL
Maximum Low Level
Output Voltage
4.5
0.001
0.1
0.1
V
IOUT = 50 µA
Output Voltage
5.5
0.001
0.1
0.1
V
*VIN = VIL or VIH
4.5
0.36
0.44
V
IOH
24 mA
5.5
0.36
0.44
IOH
24 mA
IIN
Maximum Input
Leakage Current
5.5
±0.1
±1.0
µA
VI = VCC, GND
Leakage Current
5.5
±0.1
±1.0
µA
I = VCC, GND
∆ICCT
Additional Max. ICC/Input
5.5
0.6
1.5
mA
VI = VCC – 2.1 V
IOLD
†Minimum Dynamic
Output Current
5.5
75
mA
VOLD = 1.65 V Max
IOHD
Output Current
5.5
–75
mA
VOHD = 3.85 V Min
ICC
Maximum Quiescent
Supply Current
5.5
4.0
40
µA
VIN = VCC or GND
Supply Current
5.5
4.0
40
µA
IN = VCC or GND
* All outputs loaded; thresholds on input associated with output under test.
† Maximum test duration 2.0 ms, one output loaded at a time.
AC CHARACTERISTICS
Symbol
Parameter
VCC*
(V)
74ACT
74ACT
Unit
Symbol
Parameter
VCC*
(V)
TA = +25°C
CL = 50 pF
TA = –40°C
to +85
°C
CL = 50 pF
Unit
Min
Typ
Max
Min
Max
tPZL
Propagation Delay
Output Enable
5.0
1.5
8.0
1.0
8.5
ns
tPZL
Output Enable
5.0
1.5
8.0
1.0
8.5
ns
tPLZ
Propagation Delay
Output Enable
5.0
1.5
8.5
1.0
9.0
ns
tPLZ
Output Enable
5.0
1.5
8.5
1.0
9.0
ns
* Voltage Range 5.0 V is 5.0 V
±0.5 V.
CAPACITANCE
Symbol
Parameter
Value
Typ
Unit
Test Conditions
CIN
Input Capacitance
4.5
pF
VCC = 5.0 V
CPD
Power Dissipation Capacitance
30
pF
VCC = 5.0 V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com