Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NZPFD-4SC-S Datasheet(PDF) 1 Page - Neutrik AG

Part # NZPFD-4SC-S
Description  The NZPFD-4SC-S plate can be loaded with one opticalCON DUO or QUAD chassis connector and four SC simplex or four Single E2000 feedthroughs.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEUTRIK [Neutrik AG]
Direct Link  https://www.neutrik.us/en-us
Logo NEUTRIK - Neutrik AG

NZPFD-4SC-S Datasheet(HTML) 1 Page - Neutrik AG

  NZPFD-4SC-S Datasheet HTML 1Page - Neutrik AG NZPFD-4SC-S Datasheet HTML 2Page - Neutrik AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NZPFD-4SC-S
The NZPFD-4SC-S plate can be loaded with one opticalCON DUO
or QUAD chassis connector and four SC simplex or four Single
E2000 feedthroughs. Adaption solution to meet existing non-
opticalCON fiber installation.
NZPFD-4SC-S (including lettering possibility) is delivered without
connectors. opticalCON chassis connectors can be ordered
separately, SC or E2000 feedthroughs are not supplied by
Neutrik.
NZPFD-4SC-S
1
/2


Similar Part No. - NZPFD-4SC-S

ManufacturerPart #DatasheetDescription
logo
Neutrik AG
NZPFD-4SC NEUTRIK-NZPFD-4SC Datasheet
247Kb / 2P
The NZPFD-4SC plate can be loaded with one opticalCON DUO or QUAD chassis connector and two SC duplex chassis connectors.
More results

Similar Description - NZPFD-4SC-S

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT5894 EXAR-XRT5894 Datasheet
849Kb / 19P
Four-Channel E1 Line Interface (3.3V or 5.0V)
logo
Phihong USA Inc.
PIA04RZ-011-P PHIHONG-PIA04RZ-011-P Datasheet
246Kb / 1P
Two or Four Outputs with DC Voltage Dimming Control
logo
Texas Instruments
UCC3957MTR-2 TI-UCC3957MTR-2 Datasheet
280Kb / 15P
THREE - OR FOUR-CELL LITHIUM - ION PROTECTOR CIRCUIT
logo
List of Unclassifed Man...
MCC-8 ETC2-MCC-8 Datasheet
89Kb / 1P
The cable can be grounded and fixed with one part
logo
Texas Instruments
TPD4F202 TI1-TPD4F202_15 Datasheet
1,008Kb / 18P
Four or Six-Channel EMI Filter
logo
Neutrik AG
NZPFD NEUTRIK-NZPFD Datasheet
265Kb / 2P
The NZPFD plate can be loaded with opticalCON DUO or QUAD chassis connectors.
NZPFD-2 NEUTRIK-NZPFD-2 Datasheet
174Kb / 1P
The NZPFD-2 plate can be loaded with two opticalCON DUO or QUAD chassis connectors.
NZPFD-4E NEUTRIK-NZPFD-4E Datasheet
240Kb / 2P
The NZPFD-4E plate can be loaded with one opticalCON DUO or QUAD chassis connector and two E2000 compact chassis connectors.
NZPFD-4SC NEUTRIK-NZPFD-4SC Datasheet
247Kb / 2P
The NZPFD-4SC plate can be loaded with one opticalCON DUO or QUAD chassis connector and two SC duplex chassis connectors.
NZPFD-4ST NEUTRIK-NZPFD-4ST Datasheet
246Kb / 2P
The NZPFD-4ST plate can be loaded with one opticalCON DUO or QUAD chassis connector and four ST chassis connectors.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com