Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMA685XM Datasheet(PDF) 2 Page - Sanken electric

Part # SMA685XM
Description  High Voltage 3-Phase Motor Driver ICs
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SMA685XM Datasheet(HTML) 2 Page - Sanken electric

  SMA685XM Datasheet HTML 1Page - Sanken electric SMA685XM Datasheet HTML 2Page - Sanken electric SMA685XM Datasheet HTML 3Page - Sanken electric SMA685XM Datasheet HTML 4Page - Sanken electric SMA685XM Datasheet HTML 5Page - Sanken electric SMA685XM Datasheet HTML 6Page - Sanken electric SMA685XM Datasheet HTML 7Page - Sanken electric SMA685XM Datasheet HTML 8Page - Sanken electric SMA685XM Datasheet HTML 9Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
High Voltage 3-Phase Motor Driver ICs
SMA685xM Series
Sanken Electric Co., Ltd.
I02-005JB-070823
March, 2015
1. Scope
The specifications described in this document shall apply to the SMA685xM series, high-voltage 3-phase motor
driver ICs.
2. Absolute Maximum Ratings, valid at TA = 25°C
Characteristics
Symbol
Remarks
Ratings
Unit
MOSFET Breakdown Voltage
VDSS
SMA6852MZ
VCC = 15 V, ID = 100 µA,
VIN = 0 V
500
V
SMA6853MX
VCC = 15 V, ID = 100 µA,
VIN = 0 V
500
V
SMA6854MZ
VCC = 15 V, ID = 100 µA,
VIN = 0 V
600
V
Logic Supply Voltage
VCC
Between VCC and COM
20
V
Bootstrap Voltage
VBS
Between VB and phase U, V, or W
20
V
Output Current (Continuous)
IO
SMA6852MZ
1.5
A
SMA6853MX
2.5
A
SMA6854MZ
1.5
A
Output Current (Pulsed)
IOP
SMA6852MZ
PW ≤ 100 μs
2.25
A
SMA6853MX
PW ≤ 100 μs
3.75
A
SMA6854MZ
PW ≤ 100 μs
2.25
A
Output Current for Regulator
IREG
35
mA
Input Voltage
VIN
HIN and LIN pins
−0.5 to 7
V
Allowable Power Dissipation
PD
TC = 25°C
28
W
Thermal Resistance
(Junction-to-Case)
Rj-c
All elements operating
4.46
°C/W
Thermal Resistance
(Junction-to-Ambient)
Rj-a
All elements operating
31.25
°C/W
Case Operating Temperature
TC(OP)
−20 to 100
°C
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
−40 to 150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com