Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VAUL2012 Datasheet(PDF) 1 Page - Hubbell Incorporated.

Part # VAUL2012
Description  Aluminum Compression Terminal for 2/0 AL/CU, 2/0 6/1 ACSR, 3/0 COMPACT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUBBELL [Hubbell Incorporated.]
Direct Link  https://www.hubbell.com/
Logo HUBBELL - Hubbell Incorporated.

VAUL2012 Datasheet(HTML) 1 Page - Hubbell Incorporated.

  VAUL2012 Datasheet HTML 1Page - Hubbell Incorporated. VAUL2012 Datasheet HTML 2Page - Hubbell Incorporated.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product Details
General
Crimp Method
VERSAtile™ (Accomodates Conventional And Anderson Tools)
Die Size
*See Resources / Downloads for die selection and installation instructions
Material
Aluminum
Material - Body
Aluminum
Number of Pad Holes
1
Plating
No
Style
Impact Extruded
UPC
096359334699
Dimensions
Diameter - Pad Bolt
0.5 in
Weight
0.196 lb
Conductor Related
Conductor Compatibility
ACSR-Swan-4-6/1;ACSR-Swanate-4-7/1;ACSR-Sparrow-2-6/1;ACSR-
Sparate-2-7/1;ACSR-Robin-1-6/1;ACSR-Raven-1/0-6/1;ACSR-Quail-2/0-
6/1;AAC-Rose-4-7;AAC-Iris-2-7;AAC-Pansy-1-7;AAC-Poppy-1/0-7;AAC-
Aster-2/0-7;AAAC 6201 Alloy-Alton-48.69-6/18;AAAC 6201 Alloy-Ames-
77.47-6/18;AAAC 6201 Alloy-Azusa-123.3-6/18
Conductor Diameter (VersaCrimp) - Maximum
0.447 in
Conductor Diameter (VersaCrimp) - Minimum
0.213 in
Certifications and Compliance
UL Listed
No
Logistics
Carton Quantity
100 EA
For further technical assistance, please contact us
Domestic Customer Service
Hubbell Power Systems
210 N. Allen Centralia, MO 65240 USA
Phone: (573) 682-5521
Fax: (573) 682-8475
Email: hpscs@hubbell.com
International Customer Service
Phone: +1-573-682-5521
Fax: +1-573-682-8516
Email: hpsintlcs@hubbell.com
* Representative image
Aluminum Compression
Terminal for 2/0 AL/CU, 2/0 6/1
ACSR, 3/0 COMPACT
by ANDERSON
Catalog ID: VAUL2012
Aluminum Compression Terminal for 2/0 AL/CU, 2/0 6/1 ACSR, 3/0
COMPACT
Connectors are prefilled with rubber compatible inhibitor and sealed
with color coded end caps.


Similar Part No. - VAUL2012

ManufacturerPart #DatasheetDescription
logo
Hubbell Incorporated.
VAUL25012 HUBBELL-VAUL25012 Datasheet
377Kb / 2P
Aluminum Compression Terminal for 250 AL/CU, 4/0 6/1 ACSR, 300 COMPACT
VAUL25012BN HUBBELL-VAUL25012BN Datasheet
377Kb / 2P
Aluminum Compression Terminal for 250 AL/CU, 4/0 6/1 ACSR, 300 COMPACT
More results

Similar Description - VAUL2012

ManufacturerPart #DatasheetDescription
logo
Hubbell Incorporated.
VAULH1012BN HUBBELL-VAULH1012BN Datasheet
377Kb / 2P
Aluminum Compression Terminal for 1/0 AL/CU, 1/0 6/1 ACSR, 1/0 - 2/0 COMPACT
VAULH1012 HUBBELL-VAULH1012 Datasheet
377Kb / 2P
Aluminum Compression Terminal for 1/0 AL/CU, 1/0 6/1 ACSR, 1/0 - 2/0 COMPACT
VAULH412 HUBBELL-VAULH412 Datasheet
377Kb / 2P
Aluminum Compression Aluminum Compression CU, #4 6/1, 7/1 ACSR, #2 COMPACT
VAULH112BN HUBBELL-VAULH112BN Datasheet
378Kb / 2P
Aluminum Compression Terminal for #2 - #1 str AL/CU, #2 6/1, 7/1 ACSR, #1 COMPACT
VAULH112 HUBBELL-VAULH112 Datasheet
378Kb / 2P
Aluminum Compression Terminal for #2 - #1 str AL/CU, #2 6/1, 7/1 ACSR, #1 COMPACT
VAUL25012BN HUBBELL-VAUL25012BN Datasheet
377Kb / 2P
Aluminum Compression Terminal for 250 AL/CU, 4/0 6/1 ACSR, 300 COMPACT
VAUL25012 HUBBELL-VAUL25012 Datasheet
377Kb / 2P
Aluminum Compression Terminal for 250 AL/CU, 4/0 6/1 ACSR, 300 COMPACT
VAUL3012 HUBBELL-VAUL3012 Datasheet
377Kb / 2P
Aluminum Compression Terminal for 3/0 AL/CU, 3/0 6/1 ACSR, 4/0 COMPACT
VAUL412 HUBBELL-VAUL412 Datasheet
377Kb / 2P
Aluminum Compression Terminal for #4 AL/CU, #2 sol CU, #4 6/1, 7/1 ACSR, #2 COMPAC
VCEL02238H1 HUBBELL-VCEL02238H1 Datasheet
372Kb / 2P
VERSAtile Aluminum Compression Terminal 2/0 str AL/CU; 3/8
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com