Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VACL2012 Datasheet(PDF) 2 Page - Hubbell Incorporated.

Part # VACL2012
Description  Terminal, Compression
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUBBELL [Hubbell Incorporated.]
Direct Link  https://www.hubbell.com/
Logo HUBBELL - Hubbell Incorporated.

VACL2012 Datasheet(HTML) 2 Page - Hubbell Incorporated.

  VACL2012 Datasheet HTML 1Page - Hubbell Incorporated. VACL2012 Datasheet HTML 2Page - Hubbell Incorporated.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Product Details
General
Crimp Method
VERSAtile™ (Accomodates Conventional And Anderson Tools)
Die Size
*See Resources / Downloads for die selection and installation instructions
Material
Aluminum Alloy - Tin Plated
Material - Body
Aluminum
Number of Pad Holes
1
Style
Pressed Tubing
UPC
096359334040
Dimensions
Diameter - Pad Bolt
0.5 in
Weight
0.078 lb
Conductor Related
Conductor Compatibility
ACSR-Swan-4-6/1;ACSR-Swanate-4-7/1;ACSR-Sparrow-2-6/1;ACSR-
Sparate-2-7/1;ACSR-Robin-1-6/1;ACSR-Raven-1/0-6/1;AAC-Rose-4-7;AAC-
Iris-2-7;AAC-Pansy-1-7;AAC-Poppy-1/0-7;AAC-Aster-2/0-7;AAAC 6201
Alloy-Alton-48.69-6/18;AAAC 6201 Alloy-Ames-77.47-6/18;AAAC 6201
Alloy-Azusa-123.3-6/18
Conductor Diameter (VersaCrimp) - Maximum
0.419 in
Conductor Diameter (VersaCrimp) - Minimum
0.232 in
Certifications and Compliance
UL Listed
Yes
Logistics
Carton Quantity
200 EA
For further technical assistance, please contact us
Domestic Customer Service
Hubbell Power Systems
210 N. Allen Centralia, MO 65240 USA
Phone: (573) 682-5521
Fax: (573) 682-8475
Email: hpscs@hubbell.com
International Customer Service
Phone: +1-573-682-5521
Fax: +1-573-682-8516
Email: hpsintlcs@hubbell.com
* Representative image
Terminal, Compression
by ANDERSON
Catalog ID: VACL2012
VERSAtile Aluminum Compression Terminal, 2/0 str AL/CU, 1 H, 1/2"
Rated at 34.5 KV. UL listed for aluminum or copper conductors. CSA
certified.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com