Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RHF350A Datasheet(PDF) 22 Page - STMicroelectronics

Part # RHF350A
Description  Rad-hard 550 MHz low noise operational amplifier
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHF350A Datasheet(HTML) 22 Page - STMicroelectronics

Back Button RHF350A Datasheet HTML 18Page - STMicroelectronics RHF350A Datasheet HTML 19Page - STMicroelectronics RHF350A Datasheet HTML 20Page - STMicroelectronics RHF350A Datasheet HTML 21Page - STMicroelectronics RHF350A Datasheet HTML 22Page - STMicroelectronics RHF350A Datasheet HTML 23Page - STMicroelectronics RHF350A Datasheet HTML 24Page - STMicroelectronics RHF350A Datasheet HTML 25Page - STMicroelectronics RHF350A Datasheet HTML 26Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
Revision history
Table 9. Document revision history
Date
Revision
Changes
20-May-2009
1
Initial release
12-Jul-2010
2
Added Mass in Features on cover page.
Added Table 1: Device summary on cover page, with full ordering information.
Changed temperature limits in Table 4: Radiations
27-Jul-2011
3
Added note to the Package information section and in the Pin connections
diagram on the coverpage.
03-Aug-2012
4
Updated Table 4: Radiations with values after radiations.
Replaced note in the Package information section with a footnote.
Minor corrections throughout document.
06-Feb-2015
5
Replaced package name with “Flat-8S” instead of “Flat-8”
Replaced package silhouette and added marker to show the position of pin 1 on
package silhouette, pinout and drawing.
Updated Features
Updated Table 1: Device summary
Removed Table 4: Radiations from Section 2: Electrical characteristics.
Added Section 3: Radiations
Added Section 4: Device description and operation and updated document
layout accordingly.
Updated Section 6: Ordering information
Added Section 7: Other information
06-Apr-2016
6
Updated document layout
Table 1: "Device summary": updated footnote 1, SMD = standard microcircuit
drawing.
05-Apr-2017
7
Added part number RHF350A
Replaced cover image
Updated Features
Updated Applications
Updated Description
Added Section 1: "Pin description"
Table 2: "Absolute maximum ratings": updated Rthja and Rthjc values.
Table 4: updated Bw and SR parameters; updated footnote 2.
Section 5.2: "Total ionizing dose (TID)": corrected typos
Added Section 7.2: "Ceramic Flat-8 package information"
Table 9: "Order codes": updated table title, removed column “EPPL”, added
order codes RHF350AK1 and RHF350AK01V, and updated footnotes.
12-Feb-2020
8
Removed the part number RHF350 and all its references due to the obsolete
status.
RHF350A
DS6219 - Rev 8
page 22/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com