Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST31P320 Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST31P320
Description  Secure dual interface microcontroller with enhanced security and up to 450 Kbytes of Flash memory
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST31P320 Datasheet(HTML) 1 Page - STMicroelectronics

  ST31P320 Datasheet HTML 1Page - STMicroelectronics ST31P320 Datasheet HTML 2Page - STMicroelectronics ST31P320 Datasheet HTML 3Page - STMicroelectronics ST31P320 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Features
Hardware features
•
Arm® SecurCore® SC000™ 32-bit RISC core cadenced at up to 55 MHz
•
10 Kbytes of User RAM
•
Up to 450 Kbytes of secure User high-density Flash memory including 512 bytes
of User OTP area:
–
25-year data retention
–
500 000 Erase/Write cycle endurance
–
Page Erase time: 0.8 ms
–
Programming performance up to 2 µs/byte in chained mode
–
Flash Erase/Write protection programmable on 32-Kbyte sectors
•
Operating temperature: –25 °C to +85 °C
•
Three 16-bit timers with interrupt
•
Watchdog timer
•
2.7 V to 5.5 V supply voltages
•
External clock frequency up to 10 MHz
•
Power-saving Standby state
•
Contact assignment compatible with ISO/IEC 7816-3 standards
•
ESD protection (HBM): 6 kV HBM for ISO pads and 4 kV for AC0/AC1
contactless pads
•
Asynchronous receiver transmitter (IART) with RAM buffer for high speed serial
data support (ISO/IEC 78163 T=0/T=1 and EMV compliant)
Contactless features
•
Complies with ISO/IEC 14443 Type A and EMVCo™
•
68 pF tuning capacitor
•
Automatic CPU frequency adaptation for optimum power consumption
•
13.56 MHz carrier frequency
•
RFUART (RF universal asynchronous receiver transmitter) up to 848 kbps
•
1-Kbyte RF frame buffer in dedicated RFUART RAM
•
MIFARE Classic®, MIFARE Plus® and MIFARE® DESFire® EV2 hardware and
software implementation
Security features
•
Active shield
•
Monitoring of environmental parameters
•
Three-key Triple DES accelerator
•
AES accelerator
•
AIS-31 Class PTG.2 compliant true random number generator (TRNG)
•
NESCRYPT coprocessor for public key cryptography algorithm
•
ISO/IEC 13239 CRC calculation block
•
Unique serial number on each die
•
Highly efficient protection against fault attacks
Product status link
ST31P320 ST31P450
Secure dual interface microcontroller with enhanced security and up to
450 Kbytes of Flash memory
ST31P320 ST31P450
Data brief
DB3664 - Rev 4 - January 2020
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - ST31P320

ManufacturerPart #DatasheetDescription
logo
Microdiode Semiconducto...
ST3100L CHENDA-ST3100L Datasheet
350Kb / 2P
TRENCH SCHOTTKY RECTIFIER
logo
KOA Speer Electronics, ...
ST31050201FAX100BD KOA-ST31050201FAX100BD Datasheet
115Kb / 4P
thermal sensors
ST31050201FAX100BF KOA-ST31050201FAX100BF Datasheet
115Kb / 4P
thermal sensors
ST31050201FAX100BG KOA-ST31050201FAX100BG Datasheet
115Kb / 4P
thermal sensors
ST31050201FAX100CD KOA-ST31050201FAX100CD Datasheet
115Kb / 4P
thermal sensors
More results

Similar Description - ST31P320

ManufacturerPart #DatasheetDescription
logo
InnovASIC, Inc
IA64F3048SEC INNOVASIC-IA64F3048SEC Datasheet
19Kb / 2P
SECURITY-ENHANCED MICROCONTROLLER
logo
STMicroelectronics
ST10F276 STMICROELECTRONICS-ST10F276 Datasheet
61Kb / 4P
16-bit MCU with MAC unit, up to 832 Kbytes Flash memory and up to 68 Kbytes RAM
18-Jul-2005
logo
ATMEL Corporation
AT89C51CC01 ATMEL-AT89C51CC01 Datasheet
1Mb / 170P
Enhanced 8-bit Microcontroller with CAN Controller and Flash Memory
T89C51CC01 ATMEL-T89C51CC01_03 Datasheet
1Mb / 160P
Enhanced 8-bit Microcontroller with CAN Controller and Flash Memory
T89C51CC02_0305 ATMEL-T89C51CC02_0305 Datasheet
1,003Kb / 145P
Enhanced 8-bit Microcontroller with CAN Controller and Flash Memory
T89C51CC01 ATMEL-T89C51CC01_08 Datasheet
1Mb / 167P
Enhanced 8-bit Microcontroller with CAN Controller and Flash Memory
logo
STMicroelectronics
STM32F103RET6 STMICROELECTRONICS-STM32F103RET6 Datasheet
1Mb / 130P
256 to 512 Kbytes of Flash memory
19-Apr-2011
STM32F107VCT6 STMICROELECTRONICS-STM32F107VCT6 Datasheet
1Mb / 103P
64 to 256 Kbytes of Flash memory
01-Aug-2011
STM32F303X6 STMICROELECTRONICS-STM32F303X6 Datasheet
1Mb / 115P
Up to 64 Kbytes of Flash memory
October 2016 Rev 5
ST31H320 STMICROELECTRONICS-ST31H320 Datasheet
212Kb / 4P
Secure microcontroller with enhanced security and up to 320 Kbytes of Flash memory
13-Nov-2015
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com