Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST31P450 Datasheet(PDF) 2 Page - STMicroelectronics

Part # ST31P450
Description  Secure dual interface microcontroller with enhanced security and up to 450 Kbytes of Flash memory
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST31P450 Datasheet(HTML) 2 Page - STMicroelectronics

  ST31P450 Datasheet HTML 1Page - STMicroelectronics ST31P450 Datasheet HTML 2Page - STMicroelectronics ST31P450 Datasheet HTML 3Page - STMicroelectronics ST31P450 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
1
Description
Designed for secure ID and banking applications, the ST31P320 and ST31P450 devices are serial access
microcontrollers that incorporate the most recent generation of Arm® processors for embedded secure systems.
Their SecurCore® SC000™ 32-bit RISC core is built on the Cortex® M0 core with additional security features to
help to protect against advanced forms of attacks.
Cadenced at 55 MHz, the SC000™ core brings great performance and excellent code density thanks to the
Thumb®-2 instruction set.
Certain devices implement the MIFARE Classic® , MIFARE® DESFire® EV2 or MIFARE Plus® technology.
An RF interface including an RF universal asynchronous receiver (RFUART) enables contactless communication
up to 848 kbps compatible with the ISO/IEC 14443 Type A standard.
The devices also offer a serial communication interface fully compatible with the ISO/IEC 7816-3 standard (T=0,
T=1).
Three 16-bit general-purpose timers are available as well as a watchdog timer.
The devices feature hardware accelerators for advanced cryptographic functions. The AES accelerator provides a
high-performance implementation of the AES-128, AES-192 and AES256 algorithms. The 3-key Triple DES
accelerator (EDES+) peripheral enables Cipher block chaining (CBC) mode, fast DES and triple DES computation
based on three key registers and one data register, while the NESCRYPT cryptoprocessor efficiently supports the
public key algorithm with native operations up to 4096 bits long.
The devices operate in the –25 to +85 °C temperature range, in the 2.7 V and 5.5 V supply voltage ranges in
Contact mode, and comply with ISO/IEC 14443 specification limits. A comprehensive range of power-saving
modes enables the design of efficient low-power and contactless applications.
Note:
Arm is a registered trademark of Arm Limited (or its subsidiaries) in the US and/or elsewhere.
MIFARE, MIFARE Classic, MIFARE DESFire and MIFARE Plus are trademarks of NXP B.V. and are used under
license.
ST31P320 ST31P450
Description
DB3664 - Rev 4
page 2/4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com