Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEF512GR Datasheet(PDF) 21 Page - STMicroelectronics

Part # STEF512GR
Description  Dual electronic fuse for 5 V and 12 V rails
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEF512GR Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STEF512GR Datasheet HTML 14Page - STMicroelectronics STEF512GR Datasheet HTML 15Page - STMicroelectronics STEF512GR Datasheet HTML 16Page - STMicroelectronics STEF512GR Datasheet HTML 17Page - STMicroelectronics STEF512GR Datasheet HTML 18Page - STMicroelectronics STEF512GR Datasheet HTML 19Page - STMicroelectronics STEF512GR Datasheet HTML 20Page - STMicroelectronics STEF512GR Datasheet HTML 21Page - STMicroelectronics STEF512GR Datasheet HTML 22Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
List of figures
Figure 1.
Block diagram (one channel) .......................................................... 2
Figure 2.
Pin connection (top view) ............................................................. 3
Figure 3.
Typical application circuit ............................................................. 4
Figure 4.
5 V channel Ilim vs. temperature ........................................................ 9
Figure 5.
12 V channel Ilim vs. temperature ....................................................... 9
Figure 6.
5 V ch. RDS_ON vs. temperature ........................................................ 9
Figure 7.
12 V ch. RDS_ON vs. temperature ....................................................... 9
Figure 8.
5 V ch. voltage clamp vs. temperature ................................................... 10
Figure 9.
12 V ch. voltage clamp vs. temperature .................................................. 10
Figure 10.
5 V ch. UVLO vs. temperature ........................................................ 10
Figure 11.
12 V ch. UVLO vs. temperature ....................................................... 10
Figure 12.
EN pin thresholds vs. temperature ..................................................... 10
Figure 13.
EN pin current vs. temperature ........................................................ 10
Figure 14.
Startup with no load from VIN ......................................................... 11
Figure 15.
VOut_5 startup with 2 A load .......................................................... 11
Figure 16.
VOut_12 startup with 2 A load ......................................................... 11
Figure 17.
Startup by EN, no load.............................................................. 11
Figure 18.
Startup by En @ 2 A load............................................................ 11
Figure 19.
VOut_5 current limit and short ......................................................... 11
Figure 20.
VOut_12 current limit and short......................................................... 12
Figure 21.
VOut_5 UVLO rising ................................................................ 12
Figure 22.
VOut_12 UVLO rising ............................................................... 12
Figure 23.
VOut_5 startup vs. CSS .............................................................. 12
Figure 24.
VOut_12 startup vs. CSS ............................................................. 12
Figure 25.
VOut_5 voltage clamp ............................................................... 12
Figure 26.
VOut_12 voltage clamp .............................................................. 13
Figure 27.
TSOT23-8L package outline.......................................................... 14
Figure 28.
TSOT23-8L recommended footprint .................................................... 16
STEF512GR
List of figures
DS13212 - Rev 2
page 21/22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com