Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSC2011 Datasheet(PDF) 2 Page - STMicroelectronics

Part # TSC2011
Description  High voltage bidirectional current sense amplifier evaluation kit based on the
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSC2011 Datasheet(HTML) 2 Page - STMicroelectronics

  TSC2011 Datasheet HTML 1Page - STMicroelectronics TSC2011 Datasheet HTML 2Page - STMicroelectronics TSC2011 Datasheet HTML 3Page - STMicroelectronics TSC2011 Datasheet HTML 4Page - STMicroelectronics TSC2011 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
1
Schematic diagrams
Figure 1. STEVAL-AETKT1V1 main board (STEVAL-AET001V1B) schematic diagram
The STEVAL-AET001V1B board is not available for separate sale
Set_Ref1
1
STDBY
IN
OUT
1nF
C4
VCC
Set_Stdby
1
6
VREF1
VREF2
IN-
STDBY
GND
GND
2
GND
5
OUT
1nF
C3
VIN+
VIN-
Set_Power
J5
GND
C2
1
OUT
U2
STDBY
1
VREF1
3
2
0
1
5
VREF1
VREF2
0
Cc2
VCC
2
VO
R1
100nF
VREF2
R3
2
C5
J1
GND
GND
µF
GND
VIN+
VCC
R2
5
Rs2
2
IN+
8
Cc1
IN-
0
J4
3
VCC
GND
Set_Ref2
VIN-
VCC
J3
6-5330808-5
U1
3
Rs
GND
1
J2
Cd
8
1
IN+
TSC201x
1
3
VCC
GND
VO
4
C1



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com