Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS521 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BAS521
Description  High voltage switching diode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BAS521 Datasheet(HTML) 4 Page - NXP Semiconductors

  BAS521 Datasheet HTML 1Page - NXP Semiconductors BAS521 Datasheet HTML 2Page - NXP Semiconductors BAS521 Datasheet HTML 3Page - NXP Semiconductors BAS521 Datasheet HTML 4Page - NXP Semiconductors BAS521 Datasheet HTML 5Page - NXP Semiconductors BAS521 Datasheet HTML 6Page - NXP Semiconductors BAS521 Datasheet HTML 7Page - NXP Semiconductors BAS521 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
2003 Aug 12
4
Philips Semiconductors
Product specification
High voltage switching diode
BAS521
GRAPHICAL DATA
handbook, halfpage
0
0.5
1
(2)
1.5
IF
(mA)
VF (V)
500
0
400
300
200
100
MHC618
(1)
(3)
Fig.2
Forward current as a function of forward
voltage; typical values.
(1) Tamb = 150 °C.
(2) Tamb =75 °C.
(3) Tamb =25 °C.
handbook, halfpage
200
0
40
80
120
IR
(
µA)
160
Tj (°C)
102
10
1
10−1
10−2
MHC619
Fig.3
Reverse current as a function of junction
temperature.
VR =VRmax; typical values.
handbook, halfpage
0
300
200
100
0
50
100
200
Tamb (°C)
150
IF
(mA)
MHC620
Fig.4
Maximum permissible continuous forward
current as a function of ambient
temperature.
handbook, halfpage
010
20
40
0.42
0.3
0.34
0.38
30
Cd
(pF)
VR (V)
MHC621
Fig.5
Diode capacitance as a function of reverse
voltage; typical values.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com