Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VL53L3CX Datasheet(PDF) 5 Page - STMicroelectronics

Part # VL53L3CX
Description  Time-of-Flight ranging sensor with multi target detection
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL53L3CX Datasheet(HTML) 5 Page - STMicroelectronics

  VL53L3CX Datasheet HTML 1Page - STMicroelectronics VL53L3CX Datasheet HTML 2Page - STMicroelectronics VL53L3CX Datasheet HTML 3Page - STMicroelectronics VL53L3CX Datasheet HTML 4Page - STMicroelectronics VL53L3CX Datasheet HTML 5Page - STMicroelectronics VL53L3CX Datasheet HTML 6Page - STMicroelectronics VL53L3CX Datasheet HTML 7Page - STMicroelectronics VL53L3CX Datasheet HTML 8Page - STMicroelectronics VL53L3CX Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
1.4
Application schematic
The figure below shows the application schematic of the device.
Figure 3. VL53L3CX schematic
VL53L3CX
XSHUT
5
GPIO1
7
SDA
9
SCL
10
HOST
DNC
8
AVDDVCSEL
AVDD
1
11
100nF
4.7µF
AVDD
AVSSVCSEL
2
GND
GND2
GND3
GND4
3
4
6
12
IOVDD
Rserial
Rserial
Caps as close as possible
to VL53L3CX
Recommended for
hardware interrupt
Note:
Capacitors on the external supply AVDD should be placed as close as possible to the AVDDVCSEL and
AVSSVCSEL module pins.
Note:
External pull-up resistor values can be found in I2C-bus specification. Pull-ups are typically fitted only once per
bus, near the host. For suggested values see tables below.
Note:
XSHUT pin must always be driven to avoid leakage current. A pullup is needed if the host state is not known.
XSHUT is needed to use HW standby mode (no I2C communication).
Note:
XSHUT and GPIO1 pull up recommended values are 10 kOhms. GPIO1 should be left unconnected if not used.
The tables below show recommended values for pull-up and series resistors for an AVDD of 1.8 V to 2.8 V in I2C
Fast mode (up to 400 kHz) and Fast mode plus (up to 1 MHz).
Table 3. Suggested pull-up and series resistors for I2C Fast mode
I2C load capacitance (CL)
Pull-up resistor (Ohms)
Series resistor (Ohms)
CL ≤ 90 pF
3.6 k
0
90 pF < CL ≤ 140 pF
2.4 k
0
140 pF < CL ≤ 270 pF
1.2 k
0
270 pF < CL ≤ 400 pF
0.8 k
0
Table 4. Suggested pull-up and series resistors for I2C Fast mode plus
I2C load capacitance (CL)
Pull up resistor (Ohms)
Series resistor (Ohms)
CL ≤ 90 pF
1.5 k
100
90 pF < CL ≤ 140 pF
1 k
50
140 pF < CL ≤ 270 pF
0.5 k
50
270 pF < CL ≤ 400 pF
0.3 k
50
Note:
For each bus line, CL is measured in the application PCB by the customer.
VL53L3CX
Application schematic
DS13204 - Rev 2
page 5/35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com