Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NA4MP-J Datasheet(PDF) 1 Page - Neutrik AG

Part # NA4MP-J
Description  speakON NL4MP - mono locking 1/4" jack (Tip, Sleeve contact)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEUTRIK [Neutrik AG]
Direct Link  https://www.neutrik.us/en-us
Logo NEUTRIK - Neutrik AG

NA4MP-J Datasheet(HTML) 1 Page - Neutrik AG

  NA4MP-J Datasheet HTML 1Page - Neutrik AG NA4MP-J Datasheet HTML 2Page - Neutrik AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NA4MP-J
speakON NL4MP - mono locking 1/4" jack (Tip, Sleeve contact)
Features & Benefits
The D shape adapters are problem solvers for various
intermating problems for professional and semi-
professional applications
•
Rugged aluminium extrusion housing for best
reliability
•
Branded with unique hologram - guarantees genuine
and authentic Neutrik product
•
NA4MP-J
1
/2


Similar Part No. - NA4MP-J

ManufacturerPart #DatasheetDescription
logo
Neutrik AG
NA4MP-F NEUTRIK-NA4MP-F Datasheet
51Kb / 2P
speakON NL4MP - 3 pole XLR female
NA4MP-M NEUTRIK-NA4MP-M Datasheet
51Kb / 2P
speakON NL4MP - 3 pole XLR male
NA4MP-M-X NEUTRIK-NA4MP-M-X Datasheet
52Kb / 2P
speakON NL4MP - speakON NL4MP (wired 1/1-, 1-/1 polarity inverter, 2/2- not connected)
More results

Similar Description - NA4MP-J

ManufacturerPart #DatasheetDescription
logo
Neutrik AG
NRJ4HF-1 NEUTRIK-NRJ4HF-1 Datasheet
77Kb / 3P
1/4" mono jack, switched, fully threaded nose, sleeve contact/frontpanel connection
NRJ4HH-1 NEUTRIK-NRJ4HH-1 Datasheet
45Kb / 3P
1/4" mono jack, switched, half threaded nose, sleeve contact/front panel connection
NA3FJ NEUTRIK-NA3FJ Datasheet
96Kb / 2P
3 pole XLR female - Stereo 1/4" locking jack (tip, ring, sleeve contact)
NA3JJ NEUTRIK-NA3JJ Datasheet
90Kb / 2P
Stereo 1/4" locking jack - Stereo 1/4" locking jack (Tip, Ring, Sleeve contact), extension adapter
NA3MJ NEUTRIK-NA3MJ Datasheet
116Kb / 2P
3 pole XLR male - stereo 1/4" locking jack (Tip, Ring, Sleeve contact)
NA4LJX NEUTRIK-NA4LJX Datasheet
92Kb / 2P
speakON NL4FC - 1/4' mono jack adapter Wiring: 1 to TIP and -1 to SLEEVE
NA2FP NEUTRIK-NA2FP Datasheet
58Kb / 2P
3 pole XLR female ??Mono 1/4" plug (tip, sleeve contact)
NA2MP NEUTRIK-NA2MP Datasheet
55Kb / 2P
3 pole XLR male ??Mono 1/4" plug (tip, sleeve contact)
NA4MP-F NEUTRIK-NA4MP-F Datasheet
51Kb / 2P
speakON NL4MP - 3 pole XLR female
NA4MP-M-X NEUTRIK-NA4MP-M-X Datasheet
52Kb / 2P
speakON NL4MP - speakON NL4MP (wired 1/1-, 1-/1 polarity inverter, 2/2- not connected)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com