Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NA4MP-M Datasheet(PDF) 1 Page - Neutrik AG

Part # NA4MP-M
Description  speakON NL4MP - 3 pole XLR male
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEUTRIK [Neutrik AG]
Direct Link  https://www.neutrik.us/en-us
Logo NEUTRIK - Neutrik AG

NA4MP-M Datasheet(HTML) 1 Page - Neutrik AG

  NA4MP-M Datasheet HTML 1Page - Neutrik AG NA4MP-M Datasheet HTML 2Page - Neutrik AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NA4MP-M
speakON NL4MP - 3 pole XLR male
Features & Benefits
The D shape adapters are problem solvers for various
intermating problems for professional and semi-
professional applications
•
Rugged aluminium extrusion housing for best
reliability
•
Branded with unique hologram - guarantees genuine
and authentic Neutrik product
•
NA4MP-M
1
/2


Similar Part No. - NA4MP-M

ManufacturerPart #DatasheetDescription
logo
Neutrik AG
NA4MP-M-X NEUTRIK-NA4MP-M-X Datasheet
52Kb / 2P
speakON NL4MP - speakON NL4MP (wired 1/1-, 1-/1 polarity inverter, 2/2- not connected)
More results

Similar Description - NA4MP-M

ManufacturerPart #DatasheetDescription
logo
Neutrik AG
NC3MBHR NEUTRIK-NC3MBHR Datasheet
105Kb / 3P
3 pole male XLR receptacle, grounding
NA3FM NEUTRIK-NA3FM Datasheet
45Kb / 2P
3 pole XLR male - 3 pole XLR female (extention adapter)
NA3FMX NEUTRIK-NA3FMX Datasheet
50Kb / 2P
3 pole XLR female - 3 pole XLR male (contacts 2 - 3 inverted)
NA3M5M NEUTRIK-NA3M5M Datasheet
69Kb / 1P
3 pole XLR male - 5 pole XLR male (gender conversion adapter)
NA3MM NEUTRIK-NA3MM Datasheet
81Kb / 2P
3 pole XLR male - 3 pole XLR male (gender conversion adapter)
NA3MM-B NEUTRIK-NA3MM-B Datasheet
68Kb / 2P
3 pole XLR male - 3 pole XLR male (gender conversion adapter, black plated)
NA4FX-F NEUTRIK-NA4FX-F Datasheet
88Kb / 2P
speakON NL4FX - 3 pole XLR female
NA4FX-M NEUTRIK-NA4FX-M Datasheet
112Kb / 2P
speakON NL4FX - 3 pole XLR male
NA4MP-F NEUTRIK-NA4MP-F Datasheet
51Kb / 2P
speakON NL4MP - 3 pole XLR female
NA4MP-M-X NEUTRIK-NA4MP-M-X Datasheet
52Kb / 2P
speakON NL4MP - speakON NL4MP (wired 1/1-, 1-/1 polarity inverter, 2/2- not connected)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com