Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF20BA80 Datasheet(PDF) 2 Page - SanRex Corporation

Part # DF20BA80
Description  DIODE(THREE PHASES BRIDGE TYPE)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANREX [SanRex Corporation]
Direct Link  http://www.sanrex.com
Logo SANREX - SanRex Corporation

DF20BA80 Datasheet(HTML) 2 Page - SanRex Corporation

  DF20BA80 Datasheet HTML 1Page - SanRex Corporation DF20BA80 Datasheet HTML 2Page - SanRex Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
50 Seaview Blvd. Port Washington, NY 11050-4618 PH.(516)625-1313 FAX(516)625-8845 E-mail: semi@sanrex.com
DF20BA40/80
10
50
5
20
2
1
1
1.
5
0.
5
2
Forward Voltage Drop max.
Forward Voltage Drop VF(V)
Tj=25℃
0
20
10
50
40
30
5
10
15
20
Output Current vs.Power Dissipation,
max.(Three phase, full wave)
Output Current ID(A)
90
110
120
130
140
150
100
0
5
10
15
20
25
Output Current ID(A)
Output Current vs. Allowable case Temp
Three Phase
100
300
400
200
0
10
0
2
5
2
5
10
2
10
1
Time(Cycles)
Cycle Surge Forward Current Rating
(Non-Repetitive)
Per one element
Tj=25℃ start
60Hz
50Hz
0.
6
0.
7
0.
3
0.
4
0.
5
0.
2
0.
1
0
10
2
2
5
2
5
5
10
0
10
ー1
Time
t(sec)
Transient Thermal Impedance(max)
Junction to Case
SanRex
®



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com