Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSC2311KI2-R0045 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # DSC2311KI2-R0045
Description  Crystal-less??Configurable Clock Generator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

DSC2311KI2-R0045 Datasheet(HTML) 2 Page - Micrel Semiconductor

  DSC2311KI2-R0045 Datasheet HTML 1Page - Micrel Semiconductor DSC2311KI2-R0045 Datasheet HTML 2Page - Micrel Semiconductor DSC2311KI2-R0045 Datasheet HTML 3Page - Micrel Semiconductor DSC2311KI2-R0045 Datasheet HTML 4Page - Micrel Semiconductor DSC2311KI2-R0045 Datasheet HTML 5Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Micrel, Inc.
DSC2311KI2-R0045
Ordering Information
Ordering Part Number
Industrial Temperature Range
Shipping
Package
DSC2311KI2-R0045
-40°C to +85°C
Tube
6-pin 2.5mm x 2.0mm TDFN
DSC2311KI2-R0045T
-40°C to +85°C
Tape and Reel
6-pin 2.5mm x 2.0mm TDFN
Devices are Green and RoHS compliant. Sample material may have only a partial top mark.
Pin Configuration
6-pin 2.5mm x 2.0mm TDFN
OE
DNC
GND
VDD
CLK1
CLK0
Pin Description
Pin Number
Pin Name
Pin Type
Pin Level
Pin Function
1
OE
I
Active high output enable for CLK0 and CLK1
2
DNC
Leave unconnected or connect to the ground
3
GND
PWR
Power supply ground
4
CLK0
O
LVCMOS
CLK0 output frequency = 50MHz
5
CLK1
O
LVCMOS
CLK1 output frequency = 24MHz
6
VDD
PWR
Power supply
January 15, 2016
2
Revision 1.0
tcghelp@micrel.com or (408) 955-1690
3456



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com