Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

YA39AM3DT Datasheet(PDF) 2 Page - Hubbell Incorporated.

Part # YA39AM3DT
Description  Uninsulated Al Compression Terminal, Sealed, 2 Holes, 700 - 750 kcmil Al/Cu, 900 kcmil Al, 600V - 35kV, 1/2" Stud
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUBBELL [Hubbell Incorporated.]
Direct Link  https://www.hubbell.com/
Logo HUBBELL - Hubbell Incorporated.

YA39AM3DT Datasheet(HTML) 2 Page - Hubbell Incorporated.

  YA39AM3DT Datasheet HTML 1Page - Hubbell Incorporated. YA39AM3DT Datasheet HTML 2Page - Hubbell Incorporated.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Product Details
General
Color Code
Yellow
Connector Type
Terminal
Die Index
936
Feature - Barrel Style
Chamfered
Feature - Barrel Type
Standard
Material
Aluminum
Physical Attribute - Number of Holes
2
Physical Attribute - Tongue Type
Standard
Plated
Y
Plating Type
Tin - Electro Plated
Temperature Rating
194
Trade Name
HYLUG™
UPC
781810178270
UPC 12 Digit
7818101782700
Dimensions
Dimension - B Length fraction
2-9/16 in
Dimension - B Length inch
2.56 in
Dimension - Bolt Hole Size inch
0.52 in
Dimension - Bolt Size fraction
1/2
Dimension - D inch
3.88 in
Dimension - Hole Size inch
0.56 in
Dimension - Hole Size mm
14 mm
Dimension - L Length Overall mm
205 mm
Dimension - Length Overall inch
8.07 in
Dimension - N inch
0.63 in
Dimension - Outside Diameter inch
1.60 in
Dimension - Pad Width inch
1.69 in
Dimension - Thread Size
1/2
Dimension - Z inch
1.50 in
Physical Attribute - Tongue Angle
Straight
Electrical Ratings
Rating - KVA
35 kV
Rating - Minimum Voltage
600
Voltage - Maximum
35000
Conductor Related
Conductor - AL Str Size
700 kcmil;715 kcmil;750 kcmil
Conductor - AL Str Size Range
700 kcmil-750 kcmil
Conductor - Copper Str Size
700 kcmil;750 kcmil
Conductor - Copper Str Size Range
700 kcmil-750 kcmil
Certifications and Compliance
Certification - CSA Approved
No
Certification - ETL
No
Certification - UL Recognized
No
Certification - cULus
No
Standards - RoHS Compliance Status
CM
UL Listed
Yes
Logistics
Minimum Pack Quantity
10
For further technical assistance, please contact us
BURNDY Headquarters
47 East Industrial Park Drive
Manchester, New Hampshire 03109
Customer Service Hours:
8 AM - 8 PM Eastern Monday-Friday
Emergency Service 24-hours/365 Days
Phone: 1-800-346-4175
1-603-647-5299 (International)
YA39AM3DT
by Burndy
Catalog ID: YA39AM3DT
Uninsulated Al Compression Terminal, Sealed, 2 Holes, 700 - 750 kcmil
Al/Cu, 900 kcmil Al, 600V - 35kV, 1/2" Stud



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com