Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

YA39AM3 Datasheet(PDF) 1 Page - Hubbell Incorporated.

Part # YA39AM3
Description  Uninsulated Al Compression Terminal, 2 Holes, 700 - 750 kcmil Al/Cu, 900 kcmil Al, 600V - 35kV, 1/2" Stud
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUBBELL [Hubbell Incorporated.]
Direct Link  https://www.hubbell.com/
Logo HUBBELL - Hubbell Incorporated.

YA39AM3 Datasheet(HTML) 1 Page - Hubbell Incorporated.

  YA39AM3 Datasheet HTML 1Page - Hubbell Incorporated. YA39AM3 Datasheet HTML 2Page - Hubbell Incorporated.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product Details
General
Color Code
Yellow
Connector Type
Terminal
Die Index
936
Feature - Barrel Style
Chamfered
Feature - Barrel Type
Standard
Material
Aluminum
Physical Attribute - Number of Holes
2
Physical Attribute - Tongue Type
Standard
Plated
Y
Plating Type
Tin - Electro Plated
Temperature Rating
194
Trade Name
HYLUG™
UPC
781810207949
UPC 12 Digit
7818102079499
Dimensions
Dimension - B Length fraction
2-9/16 in
Dimension - B Length inch
2.56 in
Dimension - Bolt Hole Size inch
0.52 in
Dimension - Bolt Size fraction
1/2
Dimension - D inch
3.88 in
Dimension - Hole Size inch
0.56 in
Dimension - Hole Size mm
14 mm
Dimension - L Length Overall mm
205 mm
Dimension - Length Overall inch
8.07 in
Dimension - N inch
0.63 in
Dimension - Outside Diameter inch
1.60 in
Dimension - Pad Width inch
1.69 in
Dimension - Thread Size
1/2
Dimension - Z inch
1.50 in
Physical Attribute - Tongue Angle
Straight
Electrical Ratings
Rating - KVA
35 kV
Rating - Minimum Voltage
600
Voltage - Maximum
35000
Conductor Related
Conductor - AL Str Size
700 kcmil;715 kcmil;750 kcmil
Conductor - AL Str Size Range
700 kcmil-750 kcmil
Conductor - Copper Str Size
700 kcmil;750 kcmil
Conductor - Copper Str Size Range
700 kcmil-750 kcmil
Certifications and Compliance
Certification - CSA Approved
Yes
Certification - ETL
No
Certification - UL Recognized
No
Certification - cULus
No
Standards - RoHS Compliance Status
CM
UL Listed
Yes
Logistics
Minimum Pack Quantity
10
For further technical assistance, please contact us
BURNDY Headquarters
47 East Industrial Park Drive
Manchester, New Hampshire 03109
Customer Service Hours:
8 AM - 8 PM Eastern Monday-Friday
Emergency Service 24-hours/365 Days
Phone: 1-800-346-4175
1-603-647-5299 (International)
YA39AM3
by Burndy
Catalog ID: YA39AM3
Uninsulated Al Compression Terminal, 2 Holes, 700 - 750 kcmil Al/Cu,
900 kcmil Al, 600V - 35kV, 1/2" Stud


Similar Part No. - YA39AM3

ManufacturerPart #DatasheetDescription
logo
Hubbell Incorporated.
YA39AM3DT HUBBELL-YA39AM3DT Datasheet
260Kb / 2P
Uninsulated Al Compression Terminal, Sealed, 2 Holes, 700 - 750 kcmil Al/Cu, 900 kcmil Al, 600V - 35kV, 1/2" Stud
More results

Similar Description - YA39AM3

ManufacturerPart #DatasheetDescription
logo
Hubbell Incorporated.
BURNDY_YA29A3U HUBBELL-BURNDY_YA29A3U Datasheet
259Kb / 2P
Uninsulated Al Compression Terminal, Undrilled, 250 kcmil Al/Cu, 600V - 35kV
BURNDY_YA26A3U HUBBELL-BURNDY_YA26A3U Datasheet
274Kb / 2P
Uninsulated Al Compression Terminal, Undrilled, 2/0 AWG Al/Cu, 600V - 35kV
BURNDY_YA25A7DT HUBBELL-BURNDY_YA25A7DT Datasheet
277Kb / 2P
Uninsulated Al Compression Terminal, Sealed, 2 Holes, 1/0 AWG Al/Cu, 600V - 35kV, 1/2" Stud
BURNDY_YA39AM245 HUBBELL-BURNDY_YA39AM245 Datasheet
260Kb / 2P
Uninsulated Al Compression Terminal, 2 Holes, 700/750 kcmil, 900 compact Al, 1/2" Stud, 45 Deg Bent
BURNDY_YA39AM3DT HUBBELL-BURNDY_YA39AM3DT Datasheet
260Kb / 2P
Uninsulated Al Compression Terminal, Sealed, 2 Holes, 700 - 750 kcmil Al/Cu, 900 kcmil Al, 600V - 35kV, 1/2" Stud
BURNDY_YA39A13 HUBBELL-BURNDY_YA39A13 Datasheet
261Kb / 2P
Uninsulated Al Compression Terminal, 2 Holes, 700 - 750 kcmil Al/Cu, 900 kcmil, 600 kcmil CCA DLO(925/22) Al, 600V - 35kV, 1/2" Stud.
BURNDY_YA39A5N131TD12E HUBBELL-BURNDY_YA39A5N131TD12E Datasheet
272Kb / 1P
Cu & Al Compression terminal, 2 Holes/W/insp W, 500-900 kcmil Al 500 kcmil for Cu only, 600V-35Kv, 1/2" stud, Pink, 300 Index , Narrow tongue terminal.
BURNDY_YA39A2NG4 HUBBELL-BURNDY_YA39A2NG4 Datasheet
260Kb / 2P
Al Compression Terminal, 2 Holes, 700 - 750 kcmil Al/Cu, 1/2" Stud
BURNDY_YA34A3U HUBBELL-BURNDY_YA34A3U Datasheet
258Kb / 2P
Uninsulated Al Compression Terminal, Undrilled, 500 kcmil Al/Cu, 350 kcmil CCA DLO(551/22), 600V - 35kV
BURNDY_YA34A3NT119 HUBBELL-BURNDY_YA34A3NT119 Datasheet
260Kb / 2P
Al Tube Uninsulated Compression Terminal, Narrow Tongue, 2 Holes, 500 kcmil Cu/Al, 1/2" Stud, 1.19" Tongue Width
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com