Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

YA39AM2 Datasheet(PDF) 1 Page - Hubbell Incorporated.

Part # YA39AM2
Description  Uninsul Al Comp Terminal, 2 Hole NEMA, 700-750 kcmil(Al/Cu), 900 kcmil Compt AL, 600 V-35 kV, 1/2" Stud, 1.75" Spacing, Closed bbl, Red, 301 Index
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUBBELL [Hubbell Incorporated.]
Direct Link  https://www.hubbell.com/
Logo HUBBELL - Hubbell Incorporated.

YA39AM2 Datasheet(HTML) 1 Page - Hubbell Incorporated.

  YA39AM2 Datasheet HTML 1Page - Hubbell Incorporated. YA39AM2 Datasheet HTML 2Page - Hubbell Incorporated.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product Details
General
Application
For Aluminum & Copper Conductors
Color Code
Red
Connector Type
Terminal
Die Index
301
Feature - Barrel Style
Chamfered
Feature - Barrel Type
Standard
Material
Aluminum
Physical Attribute - Number of Holes
2
Physical Attribute - Tongue Type
Standard
Plated
Y
Plating Type
Tin - Electro Plated
Sub Brand
TERMINALS, HYLUG
Temperature Rating
194
Trade Name
HYLUG™
Type
YA-A
UPC
781810762004
UPC 12 Digit
7818107620044
Dimensions
Dimension - B Length fraction
2-9/16 in
Dimension - B Length inch
2.56 in
Dimension - Bolt Hole Size inch
0.52 in
Dimension - Bolt Size fraction
1/2
Dimension - D inch
3.12 in
Dimension - Hole Size inch
0.56 in
Dimension - Hole Size mm
14 mm
Dimension - L Length Overall mm
186 mm
Dimension - Length Overall inch
7.31 in
Dimension - N inch
0.63 in
Dimension - Outside Diameter inch
1.60 in
Dimension - Pad Width inch
1.69 in
Dimension - Strip Length inch
2 7/8
Dimension - Stud Size inch
1/2
Dimension - Thread Size
1/2
Dimension - Z inch
0.74 in
Physical Attribute - Tongue Angle
Straight
Electrical Ratings
Rating - KVA
35 kV
Rating - Minimum Voltage
600
Voltage - Maximum
35000
Conductor Related
Conductor - AL Str Size
700 kcmil;715 kcmil;750 kcmil
Conductor - AL Str Size Range
700 kcmil-750 kcmil
Conductor - Copper Str Size
700 kcmil;750 kcmil
Conductor - Copper Str Size Range
700 kcmil-750 kcmil
Certifications and Compliance
Certification - CSA Approved
Yes
Certification - ETL
No
Certification - UL Recognized
No
Certification - cULus
No
Standards - RoHS Compliance Status
CM
UL Listed
Yes
Logistics
Minimum Pack Quantity
1
For further technical assistance, please contact us
BURNDY Headquarters
47 East Industrial Park Drive
Manchester, New Hampshire 03109
Customer Service Hours:
8 AM - 8 PM Eastern Monday-Friday
Emergency Service 24-hours/365 Days
Phone: 1-800-346-4175
1-603-647-5299 (International)
YA39AM2
by Burndy
Catalog ID: YA39AM2
Prop 65 Notice
Uninsul Al Comp Terminal, 2 Hole NEMA, 700-750 kcmil(Al/Cu), 900
kcmil Compt AL, 600 V-35 kV, 1/2" Stud, 1.75" Spacing, Closed bbl, Red,
301 Index.
UL Listed 90 DEG C, 600 V - 35 KV,Tongue Angle: Straight


Similar Part No. - YA39AM2

ManufacturerPart #DatasheetDescription
logo
Hubbell Incorporated.
YA39AM245 HUBBELL-YA39AM245 Datasheet
260Kb / 2P
Uninsulated Al Compression Terminal, 2 Holes, 700/750 kcmil, 900 compact Al, 1/2" Stud, 45 Deg Bent
More results

Similar Description - YA39AM2

ManufacturerPart #DatasheetDescription
logo
Hubbell Incorporated.
BURNDY_YA39AM245 HUBBELL-BURNDY_YA39AM245 Datasheet
260Kb / 2P
Uninsulated Al Compression Terminal, 2 Holes, 700/750 kcmil, 900 compact Al, 1/2" Stud, 45 Deg Bent
BURNDY_YA39AM3DT HUBBELL-BURNDY_YA39AM3DT Datasheet
260Kb / 2P
Uninsulated Al Compression Terminal, Sealed, 2 Holes, 700 - 750 kcmil Al/Cu, 900 kcmil Al, 600V - 35kV, 1/2" Stud
BURNDY_YA39AM3 HUBBELL-BURNDY_YA39AM3 Datasheet
260Kb / 2P
Uninsulated Al Compression Terminal, 2 Holes, 700 - 750 kcmil Al/Cu, 900 kcmil Al, 600V - 35kV, 1/2" Stud
BURNDY_YA39A13 HUBBELL-BURNDY_YA39A13 Datasheet
261Kb / 2P
Uninsulated Al Compression Terminal, 2 Holes, 700 - 750 kcmil Al/Cu, 900 kcmil, 600 kcmil CCA DLO(925/22) Al, 600V - 35kV, 1/2" Stud.
BURNDY_YA39A5DT HUBBELL-BURNDY_YA39A5DT Datasheet
261Kb / 2P
Uninsul Al Comp Terminal, Sealed, 2 Hole NEMA, 700-750 kcmil(Al/Cu), 900 kcmil Compt AL, 600 V-35 kV, 1/2" Stud, 1.75" Spacing, Closed bbl, Yellow, 936 Index
BURNDY_YA39A2NG4 HUBBELL-BURNDY_YA39A2NG4 Datasheet
260Kb / 2P
Al Compression Terminal, 2 Holes, 700 - 750 kcmil Al/Cu, 1/2" Stud
BURNDY_YA32A6 HUBBELL-BURNDY_YA32A6 Datasheet
260Kb / 2P
Uninsul Al Comp Terminal, 1 Hole, 400 kcmil, 600 V-35 kV, 1/2" Stud, Closed bbl, Green, 472 Index, For Al & Cu Cond, Color Coded End Cap.
BURNDY_YA4CA6 HUBBELL-BURNDY_YA4CA6 Datasheet
261Kb / 3P
Uninsul Al Comp Terminal, 1 Hole, #4 Str, 600 V-35 kV, 3/8" Stud, Closed bbl, Green, 375 index, For Al & Cu Cond, Color Coded End Cap.
BURNDY_YA4CA1 HUBBELL-BURNDY_YA4CA1 Datasheet
262Kb / 3P
Uninsul Al Comp Terminal, 1 Hole, #4 Str, 600 V-35 kV, 1/4" Stud, Closed bbl, Green, 375 index, For Al & Cu Cond, Color Coded End Cap.
BURNDY_YA45A5 HUBBELL-BURNDY_YA45A5 Datasheet
261Kb / 2P
Uninsul Al Comp Terminal, 2 Hole, 1250 kcmil, 600 V-35 kV, 1/2" Stud, 1.75" Spacing, Closed bbl, Brown, 302 Index, For Al & Cu Cond, Color Coded End Cap.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com