Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

YA34A8 Datasheet(PDF) 1 Page - Hubbell Incorporated.

Part # YA34A8
Description  WIRE: 500kcmil AL9CU, STUD: 1/2" 2 HOLE NEMA TONGUE.
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUBBELL [Hubbell Incorporated.]
Direct Link  https://www.hubbell.com/
Logo HUBBELL - Hubbell Incorporated.

YA34A8 Datasheet(HTML) 1 Page - Hubbell Incorporated.

  YA34A8 Datasheet HTML 1Page - Hubbell Incorporated.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Product Details
General
Application
For Aluminum & Copper Conductors
Sub Brand
TERMINALS, HYLUG
Type
YA-A
UPC
621945488199
Certifications and Compliance
Certification - CSA Approved
Yes
Standards - RoHS Compliance Status
CM
UL Listed
Yes
Logistics
Minimum Pack Quantity
1
For further technical assistance, please contact us
BURNDY Headquarters
47 East Industrial Park Drive
Manchester, New Hampshire 03109
Customer Service Hours:
8 AM - 8 PM Eastern Monday-Friday
Emergency Service 24-hours/365 Days
Phone: 1-800-346-4175
1-603-647-5299 (International)
YA34A8
by Burndy
Catalog ID: YA34A8
Prop 65 Notice
WIRE: 500kcmil AL9CU, STUD: 1/2"" 2 HOLE NEMA
TONGUE.
UL Listed 90 DEG C, 600 V - 35 KV,Tongue Angle:
Straight


Similar Part No. - YA34A8

ManufacturerPart #DatasheetDescription
logo
Hubbell Incorporated.
YA34A8N131T38E HUBBELL-YA34A8N131T38E Datasheet
272Kb / 1P
Cu & Al Compression terminal, 1 Hole/W/insp W, 4/0 AWG-500kcmil, 600V-35Kv, 3/8" stud, Pink, 300 Index , Narrow tongue terminal.
YA34A8NT119 HUBBELL-YA34A8NT119 Datasheet
261Kb / 2P
Al Tube Uninsulated Compression Terminal, Narrow Tongue, 1 Hole, 500 kcmil Cu/Al, 3/8" Stud, 1.19" Tongue Width
More results

Similar Description - YA34A8

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0192210239 MOLEX4-0192210239 Datasheet
179Kb / 3P
Compression Style Ring Tongue Terminal for 1 AWG Wire, Stud Size 1/2", PlatedWide Pad
0192210397 MOLEX4-0192210397 Datasheet
245Kb / 3P
Compression Style Ring Tongue Terminal for 2/0 AWG Wire, Stud Size 1/2", Un-Plated
0192210245 MOLEX4-0192210245 Datasheet
246Kb / 3P
Compression Style Ring Tongue Terminal for 2/0 AWG Wire, Stud Size 1/2", Plated
0192210393 MOLEX4-0192210393 Datasheet
244Kb / 2P
Compression Style Ring Tongue Terminal for 1/0 AWG Wire, Stud Size 1/2
0191640457 MOLEX4-0191640457 Datasheet
96Kb / 2P
Perma-Seal??Ring Tongue Terminal for 8 AWG Wire, Stud Size 1/2
0192210399 MOLEX4-0192210399 Datasheet
178Kb / 3P
Compression Style Ring Tongue Terminal for 2 AWG Wire, Stud Size 1/2", Un-PlatedWide Pad
0192210242 MOLEX4-0192210242 Datasheet
244Kb / 2P
Compression Style Ring Tongue Terminal for 1/0 AWG Wire, Stud Size 1/2", Plated
logo
Hubbell Incorporated.
BURNDY_YA36A17 HUBBELL-BURNDY_YA36A17 Datasheet
255Kb / 1P
WIRE: 600kcmil AL9CU, STUD: 1/2"COLOR: BLACK STRIP LNG: 2 7/8".
BURNDY_YA34A7N131T12E HUBBELL-BURNDY_YA34A7N131T12E Datasheet
272Kb / 1P
Cu & Al Compression terminal, 1 Hole/W/insp W, 500kcmil, 600V-35Kv, 1/2" stud, Pink, 300 Index , Narrow tongue terminal.
BURNDY_YA34A3N131T12E HUBBELL-BURNDY_YA34A3N131T12E Datasheet
271Kb / 1P
Cu & Al Compression terminal, 2 Hole, 4/0 AWG-500kcmil, 600V-35Kv, 1/2" stud, Pink, 300 Index , Narrow tongue terminal.
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com