Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

YF0215UI Datasheet(PDF) 2 Page - Hubbell Incorporated.

Part # YF0215UI
Description  Cu Alloy Bare Ferrule, Smooth Funnel Entry, 2 AWG, 0.59" L, Seamless bbl, Tin Plated, For Use On Cu Cond.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUBBELL [Hubbell Incorporated.]
Direct Link  https://www.hubbell.com/
Logo HUBBELL - Hubbell Incorporated.

YF0215UI Datasheet(HTML) 2 Page - Hubbell Incorporated.

  YF0215UI Datasheet HTML 1Page - Hubbell Incorporated. YF0215UI Datasheet HTML 2Page - Hubbell Incorporated.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Product Details
General
Application
For Use On Copper Conductor
Material
Copper
Plated
N
Plating Type
Unplated
Sub Brand
FERRULES
Type
Bootlace Ferrule
UPC
781810479759
UPC 12 Digit
7818104797599
Dimensions
Dimension - D inch
0.34 in
Dimension - D1 inch
0.33 in
Dimension - D2 inch
0.42 in
Dimension - Length Side A inch
0.59 in
Length
0.591 in
Width
0.422 in
Conductor Related
Conductor - Copper Solid Size
2 AWG
Conductor - Copper Str Size
2 AWG
Conductor Type
CU C Solid-Size
CU C Str-Size
Certifications and Compliance
Certification - CSA Approved
No
Certification - ETL
No
Certification - UL Recognized
No
Certification - cULus
No
Standards - RoHS Compliance Status
CM
UL Listed
No
Logistics
Carton Quantity
100 EA
Minimum Pack Quantity
100
For further technical assistance, please contact us
BURNDY Headquarters
47 East Industrial Park Drive
Manchester, New Hampshire 03109
Customer Service Hours:
8 AM - 8 PM Eastern Monday-Friday
Emergency Service 24-hours/365 Days
Phone: 1-800-346-4175
1-603-647-5299 (International)
YF0215UI
by Burndy
Catalog ID: YF0215UI
Prop 65 Notice
Cu Alloy Bare Ferrule, Smooth Funnel Entry, 2 AWG, 0.59" L, Seamless
bbl, Tin Plated, For Use On Cu Cond.
Features: Wire Ferrules Are Also Known As Cord End Terminals Or
Bootlace Ferrules, These Are Electrical Connectors Used To Terminate
Stranded Wires, These Terminals Are Made Of Electrolytically Tin Plated
Copper, Uninsulated Ferrules Are Designed To Form Neat End
Terminations To Multi-Strand Cables Or Wires, Smooth Funnel Entry
Assists In Wire Insertion, Specifically Designed To Aid In Termination Of
Extra Flexible Fine Stranded Conductor, Provides Enhanced Flexibility
Relating To Wire Termination And Management, A Positive Contact
Surface Helps Ensure System Integrity, Made Of Electrolytic Copper, Tin
Plated, Seamless Barrels, Smooth Funnel Entry To Make Wire Insertion
Easier, RoHs Compliant, Recommended Tooling: YF0801TOOL,
YF0401TOOL



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com