Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

YF0420UI Datasheet(PDF) 1 Page - Hubbell Incorporated.

Part # YF0420UI
Description  Cu Alloy Bare Ferrule, Smooth Funnel Entry, 4 AWG, 0.79" L, Seamless bbl, Tin Plated, For Use On Cu Cond.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUBBELL [Hubbell Incorporated.]
Direct Link  https://www.hubbell.com/
Logo HUBBELL - Hubbell Incorporated.

YF0420UI Datasheet(HTML) 1 Page - Hubbell Incorporated.

  YF0420UI Datasheet HTML 1Page - Hubbell Incorporated. YF0420UI Datasheet HTML 2Page - Hubbell Incorporated.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product Details
General
Application
For Use On Copper Conductor
Material
Copper
Plated
N
Plating Type
Unplated
Sub Brand
FERRULES
Type
Bootlace Ferrule
UPC
781810479728
UPC 12 Digit
7818104797288
Dimensions
Dimension - D inch
0.31 in
Dimension - D1 inch
0.29 in
Dimension - D2 inch
0.38 in
Dimension - Length Side A inch
0.79 in
Length
0.787 in
Width
0.378 in
Conductor Related
Conductor - Copper Solid Size
4 AWG
Conductor - Copper Str Size
4 AWG
Conductor Type
CU C Solid-Size
CU C Str-Size
Certifications and Compliance
Certification - CSA Approved
No
Certification - ETL
No
Certification - UL Recognized
No
Certification - cULus
No
Standards - RoHS Compliance Status
CM
UL Listed
No
Logistics
Carton Quantity
100 EA
Minimum Pack Quantity
100
For further technical assistance, please contact us
BURNDY Headquarters
47 East Industrial Park Drive
Manchester, New Hampshire 03109
Customer Service Hours:
8 AM - 8 PM Eastern Monday-Friday
Emergency Service 24-hours/365 Days
Phone: 1-800-346-4175
1-603-647-5299 (International)
YF0420UI
by Burndy
Catalog ID: YF0420UI
Prop 65 Notice
Cu Alloy Bare Ferrule, Smooth Funnel Entry, 4 AWG, 0.79" L, Seamless
bbl, Tin Plated, For Use On Cu Cond.
Features: Wire Ferrules Are Also Known As Cord End Terminals Or
Bootlace Ferrules, These Are Electrical Connectors Used To Terminate
Stranded Wires, These Terminals Are Made Of Electrolytically Tin Plated
Copper, Uninsulated Ferrules Are Designed To Form Neat End
Terminations To Multi-Strand Cables Or Wires, Smooth Funnel Entry
Assists In Wire Insertion, Specifically Designed To Aid In Termination Of
Extra Flexible Fine Stranded Conductor, Provides Enhanced Flexibility
Relating To Wire Termination And Management, A Positive Contact
Surface Helps Ensure System Integrity, Made Of Electrolytic Copper, Tin
Plated, Seamless Barrels, Smooth Funnel Entry To Make Wire Insertion
Easier, RoHs Compliant, Recommended Tooling: YF0801TOOL,
YF0401TOOL


Similar Part No. - YF0420UI

ManufacturerPart #DatasheetDescription
logo
Hubbell Incorporated.
YF0422ID HUBBELL-YF0422ID Datasheet
277Kb / 2P
Elect Cu Single Insul Wire Ferrules, Smooth Funnel Entry, 4 AWG, 1.42" L, Tin Plated, Yellow, For use on Cu Cond.
YF0422IT HUBBELL-YF0422IT Datasheet
277Kb / 2P
Elect Cu Single Insul Wire Ferrules, Smooth Funnel Entry, 4 AWG, 1.42" L, Tin Plated, Black, For use on Cu Cond.
YF0422IW HUBBELL-YF0422IW Datasheet
260Kb / 2P
Elect Cu Single Insul Wire Ferrules, Smooth Funnel Entry, 4 AWG, 1.42" L, Tin Plated, Brown, For use on Cu Cond.
YF0425ID HUBBELL-YF0425ID Datasheet
277Kb / 2P
Elect Cu Single Insul Wire Ferrules, Smooth Funnel Entry, 4 AWG, 1.45" L, Tin Plated, Yellow, For use on Cu Cond.
YF0425IT HUBBELL-YF0425IT Datasheet
277Kb / 2P
Elect Cu Single Insul Wire Ferrules, Smooth Funnel Entry, 4 AWG, 1.45" L, Tin Plated, Black, For use on Cu Cond.
More results

Similar Description - YF0420UI

ManufacturerPart #DatasheetDescription
logo
Hubbell Incorporated.
BURNDY_YF0412UI HUBBELL-BURNDY_YF0412UI Datasheet
259Kb / 2P
Cu Alloy Bare Ferrule, Smooth Funnel Entry, 4 AWG, 0.47" L, Seamless bbl, Tin Plated, For Use On Cu Cond.
BURNDY_YF0415UI HUBBELL-BURNDY_YF0415UI Datasheet
259Kb / 2P
Cu Alloy Bare Ferrule, Smooth Funnel Entry, 4 AWG, 0.59" L, Seamless bbl, Tin Plated, For Use On Cu Cond.
BURNDY_YF0418UI HUBBELL-BURNDY_YF0418UI Datasheet
259Kb / 2P
Cu Alloy Bare Ferrule, Smooth Funnel Entry, 4 AWG, 0.70" L, Seamless bbl, Tin Plated, For Use On Cu Cond.
BURNDY_YF0425UI HUBBELL-BURNDY_YF0425UI Datasheet
259Kb / 2P
Cu Alloy Bare Ferrule, Smooth Funnel Entry, 4 AWG, 0.98" L, Seamless bbl, Tin Plated, For Use On Cu Cond.
BURNDY_YF0432UI HUBBELL-BURNDY_YF0432UI Datasheet
259Kb / 2P
Cu Alloy Bare Ferrule, Smooth Funnel Entry, 4 AWG, 1.26" L, Seamless bbl, Tin Plated, For Use On Cu Cond.
BURNDY_YF1012UI HUBBELL-BURNDY_YF1012UI Datasheet
258Kb / 2P
Cu Alloy Bare Ferrule, Smooth Funnel Entry, 10 AWG, 0.47" L, Seamless bbl, Tin Plated, For Use On Cu Cond.
BURNDY_YF1218UI HUBBELL-BURNDY_YF1218UI Datasheet
259Kb / 2P
Cu Alloy Bare Ferrule, Smooth Funnel Entry, 12 AWG, 0.71" L, Seamless bbl, Tin Plated, For Use On Cu Cond.
BURNDY_YF1808UI HUBBELL-BURNDY_YF1808UI Datasheet
259Kb / 2P
Cu Alloy Bare Ferrule, Smooth Funnel Entry, 18 AWG, 0.32" L, Seamless bbl, Tin Plated, For Use On Cu Cond.
BURNDY_YF1812UI HUBBELL-BURNDY_YF1812UI Datasheet
259Kb / 2P
Cu Alloy Bare Ferrule, Smooth Funnel Entry, 18 AWG, 0.47" L, Seamless bbl, Tin Plated, For Use On Cu Cond.
BURNDY_YF2010UI HUBBELL-BURNDY_YF2010UI Datasheet
259Kb / 2P
Cu Alloy Bare Ferrule, Smooth Funnel Entry, 20 AWG, 0.39" L, Seamless bbl, Tin Plated, For Use On Cu Cond.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com