Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NAC3MPX-TOP Datasheet(PDF) 2 Page - Neutrik AG

Part # NAC3MPX-TOP
Description  Appliance inlet connector, 1/4" flat tab terminals
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEUTRIK [Neutrik AG]
Direct Link  https://www.neutrik.us/en-us
Logo NEUTRIK - Neutrik AG

NAC3MPX-TOP Datasheet(HTML) 2 Page - Neutrik AG

  NAC3MPX-TOP Datasheet HTML 1Page - Neutrik AG NAC3MPX-TOP Datasheet HTML 2Page - Neutrik AG NAC3MPX-TOP Datasheet HTML 3Page - Neutrik AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Features & Benefits
Heavy duty sealed power connector for harsh and
demanding environment
•
IP65 rating and certified outdoor protection to UL 50E
enclosure type 4 (in mated condition or in
combination with the rubber sealing cover SCNAC-
MPX)
•
Uses high impact UV-resistant materials
•
True mains connector with breaking capacity (CBC)
•
Lockable 16 A single phase connector (USA: 20 A)
•
Easy and reliable twist lock system
•
Extremely robust and reliable
•
Unique Neutrik cable retention
•
ENEC certified according to IEC 60320
•
UL498 certified
•
NAC3MPX-TOP
2
/3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com