Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD9013 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # CD9013
Description  NPN SILICON PLANAR TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CD9013 Datasheet(HTML) 1 Page - Continental Device India Limited

  CD9013 Datasheet HTML 1Page - Continental Device India Limited CD9013 Datasheet HTML 2Page - Continental Device India Limited CD9013 Datasheet HTML 3Page - Continental Device India Limited CD9013 Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
NPN SILICON PLANAR TRANSISTOR
CD9013
TO-92
Plastic Package
General Purpose Audio Amplifier Applications
ABSOLUTE MAXIMUM RATINGS (Ta=25ºC Unless Otherwise Specified)
DESCRIPTION
SYMBOL
UNITS
Collector Emitter Voltage
VCEO
V
Collector Base Voltage
VCBO
V
Emitter Base Voltage
VEBO
V
Collector Current Continuous
IC
mA
Collector Power Dissipation
PC
mW
Operating And Storage Junction
Temperature Range
ELECTRICAL CHARACTERISTICS (Ta=25ºC Unless Otherwise Specified)
DESCRIPTION
SYMBOL
MIN
MAX
UNITS
Collector Emitter Voltage
VCEO
30
V
Collector Base Voltage
VCBO
40
V
Emitter Base Voltage
VEBO
5
V
Collector Cut off Current
ICBO
100
nA
Emitter Cut off Current
IEBO
100
nA
DC Current Gain
*hFE
64
465
hFE
40
Collector Emitter Saturation Voltage
0.2
V
0.6
V
Base Emitter Saturation Voltage
1.0
V
1.2
V
DYNAMIC CHARACTERISTICS
Output Capacitance
Cob
10
pF
Transition Frequency
fT
200
MHz
Noise Figure
NF
6.0
dB
*hFE CLASSIFICATION
D/E/F:64 - 135
G/H/I: 118 - 305
J: 278 - 465
CD9013Rev_1170603D
IC=150mA, IB=15mA
IC=500mA, IB=50mA
IC=150mA, IB=15mA
IC=100µA, IE=0
IE=100µA, IC=0
IC=500mA, IB=50mA
VCB=10V, f=1MHz
IC=50mA, VCE=10V, f=100MHz
VCE =10V,IC=1mA, f=1KHz
VCE=1V, IC=500mA
VCE(sat)
VBE(sat)
Tj, Tstg
VCB=25V, IE = 0
VBE=3V, IC = 0
VCE=1V, IC=50mA
-55 to +150
TEST CONDITION
VALUE
30
40
5
500
625
IC=1mA, IB=0
ºC
E B
C
Continental Device India Limited
Data Sheet
Page 1 of 4
Continental Device India Limited
An ISO/TS16949 and ISO 9001 Certified Company


Similar Part No. - CD9013

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CD9013 CDIL-CD9013 Datasheet
226Kb / 2P
TO-92 Plastic Package Transistors (NPN)
CD9013D CDIL-CD9013D Datasheet
226Kb / 2P
TO-92 Plastic Package Transistors (NPN)
More results

Similar Description - CD9013

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
2N3019 SIEMENS-2N3019 Datasheet
135Kb / 5P
NPN SILICON PLANAR TRANSISTOR
BD524 SIEMENS-BD524 Datasheet
40Kb / 2P
NPN SILICON PLANAR TRANSISTOR
logo
Fairchild Semiconductor
FJN13003 FAIRCHILD-FJN13003 Datasheet
49Kb / 5P
NPN Silicon Transistor Planar Silicon Transistor
logo
Continental Device Indi...
2N917 CDIL-2N917 Datasheet
136Kb / 4P
NPN SILICON PLANAR TRANSISTOR
BF370R CDIL-BF370R Datasheet
106Kb / 3P
NPN SILICON PLANAR TRANSISTOR
logo
Fairchild Semiconductor
KSC5402D FAIRCHILD-KSC5402D_09 Datasheet
225Kb / 10P
NPN Silicon Transistor, Planar Silicon Transistor
KSC5603D FAIRCHILD-KSC5603D_10 Datasheet
115Kb / 5P
NPN Silicon Transistor, Planar Silicon Transistor
logo
Continental Device Indi...
2N2270 CDIL-2N2270 Datasheet
230Kb / 4P
NPN SILICON PLANAR TRANSISTOR
2N2102 CDIL-2N2102 Datasheet
233Kb / 4P
NPN SILICON PLANAR TRANSISTOR
logo
Fairchild Semiconductor
KSC5603DTU FAIRCHILD-KSC5603DTU Datasheet
115Kb / 5P
NPN Silicon Transistor, Planar Silicon Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com