Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATJ2001 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # ATJ2001
Description  ATJ2001 PDA MP3 Decoder
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

ATJ2001 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button ATJ2001 Datasheet HTML 17Page - List of Unclassifed Manufacturers ATJ2001 Datasheet HTML 18Page - List of Unclassifed Manufacturers ATJ2001 Datasheet HTML 19Page - List of Unclassifed Manufacturers ATJ2001 Datasheet HTML 20Page - List of Unclassifed Manufacturers ATJ2001 Datasheet HTML 21Page - List of Unclassifed Manufacturers ATJ2001 Datasheet HTML 22Page - List of Unclassifed Manufacturers ATJ2001 Datasheet HTML 23Page - List of Unclassifed Manufacturers ATJ2001 Datasheet HTML 24Page - List of Unclassifed Manufacturers ATJ2001 Datasheet HTML 25Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
ATJ2001 PDA+MP3 Decoder
Actions Semiconductor Co.,LTD
21
Tel 86-756-3392353
Fax 86-756-3392251
Prescale Value
13
1.625
1
Baud Rate
Divisor
%Error
Divisor
%Error
Divisor
%Error
600
192
0.16%
-
-
-
-
1200
96
0.16%
-
-
-
-
1800
64
0.16%
-
-
-
-
2000
58
0.53%
-
-
-
-
2400
48
0.16%
-
-
-
-
3600
32
0.16%
256
0.16%
-
-
4800
24
0.16%
192
0.16%
-
-
7200
16
0.16%
128
0.16%
208
0.16%
9600
12
0.16%
96
0.16%
156
0.16%
14400
8
0.16%
64
0.16%
104
0.16%
19200
6
0.16%
48
0.16%
78
0.16%
28800
4
0.16%
32
0.16%
52
0.16%
38400
3
0.16%
24
0.16%
39
0.16%
57600
2
0.16%
16
0.16%
26
0.16%
115200
1
0.16%
8
0.16%
13
0.16%
230400
-
-
4
0.16%
-
-
460800
-
-
2
0.16%
-
-
750000
-
-
-
-
2
0.00%
921600
-
-
1
0.16%
-
-
1500000
-
-
-
-
1
0.00%
Note :
Data transfer rate per bit, which is determined by the divisor of the baud-rate generator that is set with
UART1/2 Baud Rate Registers and clock prescaler that is set with UART1/2 Control Registers.
(9) A/D Converter Characteristics (TA = -10 to +70
°C, VDD = 2.0 to 3.0 V, VCC = 2.7 to 3.6 V)
Parameter
Symbol
Condition
MIN.
TYP.
MAX.
Unit
Zero-scale error
ZSE
±4.0
LSB
Full-scale error
RSE
±5.0
LSB
Integral linearity error
INL
±3.0
LSB
Differential linearity error
DNL
±3.0
LSB
Analog input voltage
VIAN
–0.3
AVDD + 0.3
V
S/N Ratio MAX : 64dB
THD+N (MAX) : 55dB
(10) D/A Converter Characteristics (TA =-10 to +70
°C, VDD = 2.0 to 3.0 V, VCC = 2.7 to 3.6 V)
Parameter
Symbol
Condition
MIN.
TYP.
MAX.
Unit
Integral linearity error
INL
±3.0
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com