Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTV10 Datasheet(PDF) 1 Page - Hubbell Incorporated.

Part # PTV10
Description  Cu Pin Terminal, 10-12 AWG, 0.97" L, 0.11" W, Molded Vinyl Insul, Tin Plated, Yellow(Insul Color)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUBBELL [Hubbell Incorporated.]
Direct Link  https://www.hubbell.com/
Logo HUBBELL - Hubbell Incorporated.

PTV10 Datasheet(HTML) 1 Page - Hubbell Incorporated.

  PTV10 Datasheet HTML 1Page - Hubbell Incorporated.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Product Details
General
UPC
781810530627
UPC 12 Digit
7818105306277
Dimensions
Dimension - B Length inch
0.27 in
Dimension - Length Overall inch
0.97 in
Dimension - Pad Size inch
0.50 in
Dimension - Pad Width inch
0.11 in
Dimension - Strip Length inch
5/16 in
Conductor Related
Conductor - Copper Solid Size Range
12 AWG-10 AWG
Conductor - Copper Str Size Range
12 AWG-10 AWG
Conductor Type
CU C Solid-Size
CU C Str-Size
Certifications and Compliance
Certification - CSA Approved
No
Certification - ETL
No
Certification - UL Recognized
No
Certification - cULus
No
Standards - RoHS Compliance Status
CM
UL Listed
No
Logistics
Minimum Pack Quantity
100
For further technical assistance, please contact us
BURNDY Headquarters
47 East Industrial Park Drive
Manchester, New Hampshire 03109
Customer Service Hours:
8 AM - 8 PM Eastern Monday-Friday
Emergency Service 24-hours/365 Days
Phone: 1-800-346-4175
1-603-647-5299 (International)
PTV10
by Burndy
Catalog ID: PTV10
Cu Pin Terminal, 10-12 AWG, 0.97" L, 0.11" W, Molded Vinyl Insul, Tin
Plated, Yellow(Insul Color)


Similar Part No. - PTV10

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PTV10B VISHAY-PTV10B Datasheet
93Kb / 5P
Surface Mount Power Voltage-Regulating Diodes
Revision: 25-Apr-2022
logo
Bookham, Inc.
PTV10GC BOOKHAM-PTV10GC Datasheet
195Kb / 6P
10Gb/s surface mount coplanar PIN preamp receiver with integrated MEMS VOA
PTV10GC-J28 BOOKHAM-PTV10GC-J28 Datasheet
195Kb / 6P
10Gb/s surface mount coplanar PIN preamp receiver with integrated MEMS VOA
PTV10GC-J34 BOOKHAM-PTV10GC-J34 Datasheet
195Kb / 6P
10Gb/s surface mount coplanar PIN preamp receiver with integrated MEMS VOA
PTV10GC-J57 BOOKHAM-PTV10GC-J57 Datasheet
195Kb / 6P
10Gb/s surface mount coplanar PIN preamp receiver with integrated MEMS VOA
More results

Similar Description - PTV10

ManufacturerPart #DatasheetDescription
logo
Hubbell Incorporated.
BURNDY_PTV18 HUBBELL-BURNDY_PTV18 Datasheet
257Kb / 1P
Cu Pin Terminal, 18-22 AWG, 0.80" L, 0.07" W, Molded Vinyl Insul, Tin Plated, Red(Insul Color)
BURNDY_PTV14 HUBBELL-BURNDY_PTV14 Datasheet
257Kb / 1P
Cu Pin Terminal, 14-16 AWG, 0.80" L, 0.07" W, Molded Vinyl Insul, Tin Plated, Blue(Insul Color)
YHSA10K8LF HUBBELL-YHSA10K8LF Datasheet
260Kb / 2P
Cu Heat Shrink Terminal, Snap Fork Tongue, 10-12 AWG, #6-8 Stud, 1.27" L, 0.33" W, Tin Plated, Yellow(Insul Color).
YHSA10K6LF HUBBELL-YHSA10K6LF Datasheet
260Kb / 2P
Cu Heat Shrink Terminal, Snap Fork Tongue, 10-12 AWG, #4-6 Stud, 1.27" L, 0.30" W, Tin Plated, Yellow(Insul Color).
YHSA10K10BF HUBBELL-YHSA10K10BF Datasheet
260Kb / 2P
Cu Heat Shrink Terminal, Block Fork, 10-12 AWG, #8-10 Stud, 1.27" L, 0.35" W, Brazed Seam, Tin Plated, Yellow(Insul Color).
YHSA10K10LF HUBBELL-YHSA10K10LF Datasheet
260Kb / 2P
Cu Heat Shrink Terminal, Snap Fork Tongue, 10-12 AWG, #8-10 Stud, 1.27" L, 0.35" W, Tin Plated, Yellow(Insul Color).
FLN1025X03D HUBBELL-FLN1025X03D Datasheet
260Kb / 2P
Brass Quick Disconnect Flag, 10-12 AWG, 0.64" L, 0.25" W, Nylon Insul, Yellow(Insul Color).
FQN10F25X03D HUBBELL-FQN10F25X03D Datasheet
273Kb / 2P
Brass Fully Insul Female Quick Disconnects, Funnel Entry, 10-12 AWG, 300 V, 0.98" L, 0.25" W, Nylon Insul, Tin Plated, Yellow(Insul Color).
YHSQ10F25X03 HUBBELL-YHSQ10F25X03 Datasheet
263Kb / 2P
Cu Heat Shrink Insul Female Quick Disconnect, 10-12 AWG, 1.42" L, 0.25" W, Serrated bbl, Tin plated, Yellow(Insul Color).
YHSQ10M25X03 HUBBELL-YHSQ10M25X03 Datasheet
261Kb / 2P
Cu Heat Shrink Male Quick Disconnect, 10-12 AWG, 1.46" L, 0.25" W, Nylon Insul, Serrated bbl, Tin plated, Yellow(Insul Color).
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com