Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M9F13402 Datasheet(PDF) 1 Page - Schneider Electric

Part # M9F13402
Description  Multi 9 - C60H - MCB - 4P - 2 A - B Curve - 415 V - 15 kA
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

M9F13402 Datasheet(HTML) 1 Page - Schneider Electric

  M9F13402 Datasheet HTML 1Page - Schneider Electric M9F13402 Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product data sheet
Characteristics
M9F13402
Multi 9 - C60H - MCB - 4P - 2 A - B Curve - 415 V
- 15 kA
Main
Range
Multi 9
Product name
Multi 9 C60
Product or component type
Miniature circuit-breaker
Device short name
C60H
Device application
Distribution
Poles description
4P
Number of protected poles
4
Line Rated Current
2 A 122 °F (50 °C) EN/IEC 60947-2
Network type
AC
DC
Trip unit technology
Thermal-magnetic
Curve code
B
Breaking capacity
50 kA Icu <= 250 V DC EN/IEC 60947-2
30 kA Icu 240 V AC 50/60 Hz between phases EN/IEC 60947-2
15 kA Icu 415 V AC 50/60 Hz between phases EN/IEC 60947-2
10 kA Icu 440 V AC 50/60 Hz between phases EN/IEC 60947-2
Utilisation category
Category A EN/IEC 60947-2
Suitability for isolation
Yes EN/IEC 60947-2
Standards
EN/IEC 60947-2
Product certifications
EAC
CCC
Complementary
Network frequency
50/60 Hz
[Ue] rated operational voltage
240 V AC 50/60 Hz between phases
415 V AC 50/60 Hz between phases
440 V AC 50/60 Hz between phases
<= 250 V DC
Magnetic tripping limit
4 x In +/- 20 % AC
5.7 x In +/- 20 % DC
Mar 16, 2020
1


Similar Part No. - M9F13402

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
M9F13401 SCHNEIDER-M9F13401 Datasheet
126Kb / 2P
Multi 9 - C60H - MCB - 4P - 1 A - B Curve - 415 V - 15 kA
Mar 16, 2020
M9F13403 SCHNEIDER-M9F13403 Datasheet
126Kb / 2P
Multi 9 - C60H - MCB - 4P - 3 A - B Curve - 415 V - 15 kA
Mar 16, 2020
M9F13404 SCHNEIDER-M9F13404 Datasheet
126Kb / 2P
Multi 9 - C60H - MCB - 4P - 4 A - B Curve - 415 V - 15 kA
Mar 16, 2020
M9F13406 SCHNEIDER-M9F13406 Datasheet
126Kb / 2P
Multi 9 - C60H - MCB - 4P - 6 A - B Curve - 415 V - 15 kA
Mar 16, 2020
More results

Similar Description - M9F13402

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
M9F13403 SCHNEIDER-M9F13403 Datasheet
126Kb / 2P
Multi 9 - C60H - MCB - 4P - 3 A - B Curve - 415 V - 15 kA
Mar 16, 2020
M9F13406 SCHNEIDER-M9F13406 Datasheet
126Kb / 2P
Multi 9 - C60H - MCB - 4P - 6 A - B Curve - 415 V - 15 kA
Mar 16, 2020
M9F13410 SCHNEIDER-M9F13410 Datasheet
126Kb / 2P
Multi 9 - C60H - MCB - 4P - 10 A - B Curve - 415 V - 15 kA
Mar 16, 2020
M9F13413 SCHNEIDER-M9F13413 Datasheet
126Kb / 2P
Multi 9 - C60H - MCB - 4P - 13 A - B Curve - 415 V - 15 kA
Mar 16, 2020
M9F13416 SCHNEIDER-M9F13416 Datasheet
126Kb / 2P
Multi 9 - C60H - MCB - 4P - 16 A - B Curve - 415 V - 15 kA
Mar 16, 2020
M9F13420 SCHNEIDER-M9F13420 Datasheet
126Kb / 2P
Multi 9 - C60H - MCB - 4P - 20 A - B Curve - 415 V - 15 kA
Mar 16, 2020
M9F13425 SCHNEIDER-M9F13425 Datasheet
126Kb / 2P
Multi 9 - C60H - MCB - 4P - 25 A - B Curve - 415 V - 15 kA
Mar 16, 2020
M9F13432 SCHNEIDER-M9F13432 Datasheet
126Kb / 2P
Multi 9 - C60H - MCB - 4P - 32 A - B Curve - 415 V - 15 kA
M9F13450 SCHNEIDER-M9F13450 Datasheet
118Kb / 2P
Multi 9 - C60H - MCB - 4P - 50 A - B Curve - 415 V - 15 kA
M9F13463 SCHNEIDER-M9F13463 Datasheet
118Kb / 2P
Multi 9 - C60H - MCB - 4P - 63 A - B Curve - 415 V - 15 kA
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com