Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM8207 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM8207
Description  TFT 18 Gamma Buffer VCOM Driver Voltage Reference
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM8207 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button LM8207 Datasheet HTML 9Page - National Semiconductor (TI) LM8207 Datasheet HTML 10Page - National Semiconductor (TI) LM8207 Datasheet HTML 11Page - National Semiconductor (TI) LM8207 Datasheet HTML 12Page - National Semiconductor (TI) LM8207 Datasheet HTML 13Page - National Semiconductor (TI) LM8207 Datasheet HTML 14Page - National Semiconductor (TI) LM8207 Datasheet HTML 15Page - National Semiconductor (TI) LM8207 Datasheet HTML 16Page - National Semiconductor (TI) LM8207 Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
Application Section (Continued)
To calculate the output voltage of the Voltage Reference
Amplifier (OUT_V
REF) use the following equation:
(1)
As can be seen in the Electrical Characteristics Table on
page 3, I
IN_VREF has a typical value of −10 nA. Using resistor
values for R
1 =9k
Ω and R
2 =1k
Ω this results in a gain of
10 and OUT_V
REF = 12.95 V an error will be introduced of
−10 nA*9 k
Ω = −90 µV. This error can be neglected. The
simplified formula for calculating the OUT_V
REF is:
(2)
Example:
V
DD = 16V
OUT_V
REF = 14.4V
Choose R
2 =5k
Ω. Using Equation (2), this will result in
R
1 = 50.6 k
Ω
THE OPERATING RANGE OF THE VOLTAGE
REFERENCE
The output of the Voltage Reference Amplifier has a mini-
mum of 1.295V (R
1 = 0). This is determined by the value of
the internal reference. The maximum output voltage
(OUT_V
REFMAX) can approach the positive supply rail VDD.
The voltage is limited by the output resistance (R
OUT)ofthe
output stage of the internal amplifier and depends on the
load current. Figure 5 shows the operating output voltage
range.
The minimum headroom (OUT_V
REF with respect to the
positive supply rail V
DD) can be measured using the test
circuit shown in Figure 6.
The headroom is measured by varying both the supply volt-
age and the output current (I
LOAD) for a fixed programmed
value of OUT_V
REF. As shown in Figure 7, the minimum
headroom slightly increases for a constant V
DD when the
load current increases.
20137925
FIGURE 4. Typical Application Circuit for V
REF
20137921
FIGURE 5. Operating Output Voltage Range
20137924
FIGURE 6. Headroom Test Circuit with Variable Output
Current Load
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com