Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP05AR Datasheet(PDF) 1 Page - Toppower Electronic Technology Limited

Part # TP05AR
Description  5W 3KVAC Isolation Wide Input AC/DC Converters
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TP05AR Datasheet(HTML) 1 Page - Toppower Electronic Technology Limited

  TP05AR Datasheet HTML 1Page - Toppower Electronic Technology Limited TP05AR Datasheet HTML 2Page - Toppower Electronic Technology Limited TP05AR Datasheet HTML 3Page - Toppower Electronic Technology Limited TP05AR Datasheet HTML 4Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TP05AR Series
www.gztoppower.com
TEL:0086-20-62162688
Email:sales2@gztoppower.com
page 1 of 4
DESCRIPTION:
The rated output power of TP05AR series is 5W with wide input voltage range, for both AC input and DC input application.
High reliability, precision, large power density, ultra-small size, no external heat sink required, stable output voltage and etc,
with over current protection, EMI filter circuit, the rectifier filter circuit, 3000V isolation voltage, short circuit, overload, internal
thermal protection. Widely used in telecommunications, industrial control, instrument, data acquisition, signal control and
other electronic systems.
5W 3KVAC Isolation Wide Input AC/DC Converters
FEATURES
Universal input voltage range
Both for AC and DC input voltage
Wide input voltage:2:1 and 4:1
Fixed switching frequency
Overheat protection
Over current protection
Short circuit protection
RoHS compliant
Operating temperature: -40ºC to 70ºC
SELECTION GUIDE
Part Number
Input Voltage
Output
Efficiency
(Typ. )
%
Recommend output external capacitor
Rated
Range values
Voltage
(VDC)
Current
(A)
C1、C2、C3
C4
C5、C6
(VAC)
TP05AR220S05
220(2:1)
165-265
5
1.00
75
0.1uF/25V
470uF/16V
/
TP05AR220S09
220(2:1)
165-265
9
0.56
75
0.1uF/25V
330uF/25V
TP05AR220S12
220(2:1)
165-265
12
0.42
79
0.1uF/25V
330uF/25V
/
TP05AR220S15
220(2:1)
165-265
15
0.35
80
0.1uF/25V
330uF/25V
/
TP05AR220S24
220(2:1)
165-265
24
0.22
82
0.1uF/25V
220uF/35V
/
TP05AR220D05
220(2:1)
165-265
±5
±0.50
75
0.1uF/25V
330uF/16V
330uF/16V
TP05AR220D12
220(2:1)
165-265
±12
±0.21
79
0.1uF/25V
330uF/16V
330uF/16V
TP05AR220D15
220(2:1)
165-265
±15
±0.17
79
0.1uF/25V
220uF/25V
220uF/25V
TP05AR220D05P05
220(2:1)
165-265
+5/+5
0.8/0.2
73
0.1uF/25V
470uF/16V
330uF/16V
TP05AR220D05P12
220(2:1)
165-265
+5/+12
0.6/0.2
73
0.1uF/25V
470uF/16V
220uF/25V
TP05AR220D05P15
220(2:1)
165-265
+5/+15
0.6/0.15
73
0.1uF/25V
470uF/16V
220uF/25V
TP05AR220D05P24
220(2:1)
165-265
+5/+24
0.6/0.1
75
0.1uF/25V
470uF/16V
100uF/35V
TP05AR220T05D05
220(2:1)
165-265
+5/±5
0.8/±0.1
72
0.1uF/25V
470uF/16V
220uF/16V
TP05AR220T05D12
220(2:1)
165-265
+5/±12
0.6/±0.1
73
0.1uF/25V
470uF/16V
100uF/25V
TP05AR220T05D15
220(2:1)
165-265
+5/±15
0.6/±0.08
74
0.1uF/25V
470uF/16V
100uF/25V
TP05AR220T05D24
220(2:1)
165-265
+5/±24
0.6/±0.05
75
0.1uF/25V
470uF/16V
100uF/35V
TP05AR220S05W
220(4:1)
85-265
5
1.00
75
0.1uF/25V
470uF/16V
/
TP05AR220S09W
220(4:1)
85-265
9
0.56
75
0.1uF/25V
330uF/25V
TP05AR220S12W
220(4:1)
85-265
12
0.42
79
0.1uF/25V
330uF/25V
/
TP05AR220S15W
220(4:1)
85-265
15
0.35
80
0.1uF/25V
330uF/25V
/
TP05AR220S24W
220(4:1)
85-265
24
0.22
82
0.1uF/25V
220uF/35V
/
TP05AR220D05W
220(4:1)
85-265
±5
±0.50
75
0.1uF/25V
330uF/16V
330uF/16V
TP05AR220D12W
220(4:1)
85-265
±12
±0.21
79
0.1uF/25V
330uF/16V
330uF/16V
TP05AR220D15W
220(4:1)
85-265
±15
±0.17
79
0.1uF/25V
220uF/25V
220uF/25V
TP05AR220D05P05W
220(4:1)
85-265
+5/+5
0.8/0.2
73
0.1uF/25V
470uF/16V
330uF/16V
TP05AR220D05P12W
220(4:1)
85-265
+5/+12
0.6/0.2
73
0.1uF/25V
470uF/16V
220uF/25V
TP05AR220D05P15W
220(4:1)
85-265
+5/+15
0.6/0.15
73
0.1uF/25V
470uF/16V
220uF/25V
TP05AR220D05P24W
220(4:1)
85-265
+5/+24
0.6/0.1
75
0.1uF/25V
470uF/16V
100uF/35V
TP05AR220T05D05W
220(4:1)
85-265
+5/±5
0.8/±0.1
72
0.1uF/25V
470uF/16V
220uF/16V
TP05AR220T05D12W
220(4:1)
85-265
+5/±12
0.6/±0.1
73
0.1uF/25V
470uF/16V
100uF/25V
TP05AR220T05D15W
220(4:1)
85-265
+5/±15
0.6/±0.08
74
0.1uF/25V
470uF/16V
100uF/25V
TP05AR220T05D24W
220(4:1)
85-265
+5/±24
0.6/±0.05
75
0.1uF/25V
470uF/16V
100uF/35V
TP05AR220D12P05W
220(4:1)
85-265
+12/+5
0.24/0.12
73
0.1uF/25V
470uF/16V
220uF/25V


Similar Part No. - TP05AR

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TP05AR TOPPOWER-TP05AR Datasheet
242Kb / 4P
5W 2.5KV Isolation Wide Input AC/DC Converters
TP05AR220D05 TOPPOWER-TP05AR220D05 Datasheet
242Kb / 4P
5W 2.5KV Isolation Wide Input AC/DC Converters
TP05AR220D05P05 TOPPOWER-TP05AR220D05P05 Datasheet
242Kb / 4P
5W 2.5KV Isolation Wide Input AC/DC Converters
TP05AR220D05P05W TOPPOWER-TP05AR220D05P05W Datasheet
242Kb / 4P
5W 2.5KV Isolation Wide Input AC/DC Converters
TP05AR220D05P12 TOPPOWER-TP05AR220D05P12 Datasheet
242Kb / 4P
5W 2.5KV Isolation Wide Input AC/DC Converters
More results

Similar Description - TP05AR

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TP05AL TOPPOWER-TP05AL Datasheet
214Kb / 4P
5W 3KVAC Isolation Wide Input AC/DC Converters
TP15AS TOPPOWER-TP15AS Datasheet
509Kb / 4P
15W 3KVAC Isolation Wide Input AC/DC Converters
TP05AL TOPPOWER-TP05AL_19 Datasheet
789Kb / 3P
5W 3KVAC Isolation Wide Input AC/DC Converters
TP03AL220S03LSW TOPPOWER-TP03AL220S03LSW Datasheet
827Kb / 3P
3W 3KVAC Isolation Wide Input AC/DC Converters
TP03AC TOPPOWER-TP03AC_19 Datasheet
718Kb / 3P
3W 3KVAC Isolation Wide Input AC/DC Converters
TP15AU TOPPOWER-TP15AU Datasheet
772Kb / 4P
15W 3KVAC Isolation Wide Input AC/DC Converters
TP05AL_19 TOPPOWER-TP05AL_19_04 Datasheet
847Kb / 3P
5W 3KVAC Isolation Wide Input AC/DC Converters
TP05AS TOPPOWER-TP05AS_V01 Datasheet
848Kb / 4P
5W 3KVAC Isolation Wide Input AC/DC Converters
TP03AC TOPPOWER-TP03AC_V01 Datasheet
249Kb / 3P
3W 3KVAC Isolation Wide Input AC/DC Converters
TP03AD TOPPOWER-TP03AD Datasheet
793Kb / 3P
3W, 5W 3KVAC Isolation Wide Input AC/DC Converters
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com