Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ACT153 Datasheet(PDF) 7 Page - ON Semiconductor

Part # 74ACT153
Description  Dual 4?묲nput Multiplexer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74ACT153 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button 74ACT153 Datasheet HTML 3Page - ON Semiconductor 74ACT153 Datasheet HTML 4Page - ON Semiconductor 74ACT153 Datasheet HTML 5Page - ON Semiconductor 74ACT153 Datasheet HTML 6Page - ON Semiconductor 74ACT153 Datasheet HTML 7Page - ON Semiconductor 74ACT153 Datasheet HTML 8Page - ON Semiconductor 74ACT153 Datasheet HTML 9Page - ON Semiconductor 74ACT153 Datasheet HTML 10Page - ON Semiconductor 74ACT153 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
MC74AC153, MC74ACT153
http://onsemi.com
7
AC CHARACTERISTICS (For Figures and Waveforms − See Section 3 of the ON Semiconductor FACT Data Book, DL138/D)
Symbol
Parameter
VCC*
(V)
74ACT
74ACT
Unit
Fig.
No.
TA = +25°C
CL = 50 pF
TA = −40°C
to +85°C
CL = 50 pF
Min
Typ
Max
Min
Max
tPLH
Propagation Delay
Sn to Zn
5.0
3.0
7.0
11.5
2.0
13.5
ns
3−6
tPHL
Propagation Delay
Sn to Zn
5.0
3.0
7.0
11.5
2.5
13.5
ns
3−6
tPLH
Propagation Delay
En to Zn
5.0
2.0
6.5
10.5
2.0
12.5
ns
3−6
tPHL
Propagation Delay
En to Zn
5.0
3.0
6.0
9.5
2.5
11.0
ns
3−6
tPLH
Propagation Delay
In to Zn
5.0
2.5
5.5
9.5
2.0
11.0
ns
3−5
tPHL
Propagation Delay
In to Zn
5.0
2.0
5.5
9.5
2.0
11.0
ns
3−5
*Voltage Range 5.0 V is 5.0 V ±0.5 V.
CAPACITANCE
Symbol
Parameter
Value
Typ
Unit
Test Conditions
CIN
Input Capacitance
4.5
pF
VCC = 5.0 V
CPD
Power Dissipation Capacitance
65
pF
VCC = 5.0 V
MARKING DIAGRAMS
A
= Assembly Location
WL, L
= Wafer Lot
YY, Y
= Year
WW, W = Work Week
AC153
AWLYWW
MC74AC153N
AWLYYWW
AC
153
ALYW
ACT153
AWLYWW
ACT
153
ALYW
MC74ACT153N
AWLYYWW
DIP−16
SO−16
TSSOP−16
EIAJ−16
74AC153
ALYW
74ACT153
ALYW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com