Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7FDALIF2M6 Datasheet(PDF) 7 Page - STMicroelectronics

Part # ST7FDALIF2M6
Description  8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI, DALI
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FDALIF2M6 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button ST7FDALIF2M6 Datasheet HTML 3Page - STMicroelectronics ST7FDALIF2M6 Datasheet HTML 4Page - STMicroelectronics ST7FDALIF2M6 Datasheet HTML 5Page - STMicroelectronics ST7FDALIF2M6 Datasheet HTML 6Page - STMicroelectronics ST7FDALIF2M6 Datasheet HTML 7Page - STMicroelectronics ST7FDALIF2M6 Datasheet HTML 8Page - STMicroelectronics ST7FDALIF2M6 Datasheet HTML 9Page - STMicroelectronics ST7FDALIF2M6 Datasheet HTML 10Page - STMicroelectronics ST7FDALIF2M6 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 141 page
background image
ST7DALI
7/141
PIN DESCRIPTION (Cont’d)
Legend / Abbreviations for Table 1:
Type:
I = input, O = output, S = supply
In/Output level: CT= CMOS 0.3VDD/0.7VDD with input trigger
Output level:
HS = 20mA high sink (on N-buffer only)
Port and control configuration:
– Input:
float = floating, wpu = weak pull-up, int = interrupt, ana = analog
– Output:
OD = open drain, PP = push-pull
The RESET configuration of each pin is shown in bold which is valid as long as the device is in reset state.
Table 1. Device Pin Description
Pin
No.
Pin Name
Level
Port / Control
Main
Function
(after reset)
Alternate Function
Input
Output
1VSS
S
Ground
2VDD
S
Main power supply
3
RESET
I/O CT
XX
Top priority non maskable interrupt (active
low)
4
PB0/AIN0/SS/
BLEXT
I/O
CT
X
ei3
XX
X
Port B0
ADC Analog Input 0 or SPI
Slave Select (active low)/
EEPROM external bitline
Caution: No negative current
injection allowed on this pin.
For details, refer to section
13.2.2 on page 101
5
PB1/AIN1/SCK/
CGEXT
I/O
CT
X
XX
X
Port B1
ADC Analog Input 1 or SPI Se-
rial Clock /
EEPROM external control
gate
Caution: No negative current
injection allowed on this pin.
For details, refer to section
13.2.2 on page 101
6
PB2/AIN2/MISO
I/O
CT
X
XX
X
Port B2
ADC Analog Input 2 or SPI
Master In/ Slave Out Data
7
PB3/AIN3/MOSI/
STC_ON
I/O
CT
X
ei2
XX
X
Port B3
ADC Analog Input 3 or SPI
Master Out / Slave In Data/
Serial Test Contoller Enable
8
PB4/AIN4/CLKIN
I/O
CT
X
XX
X
Port B4
ADC Analog Input 4 or Exter-
nal clock input
9
PB5/AIN5
I/O
CT
X
XX
X
Port B5
ADC Analog Input 5
10
PB6/AIN6/DALIIN I/O
CT
X
XX
X
Port B6
ADC Analog Input 6 or DALI
Input
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com