Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DB4W Datasheet(PDF) 2 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

Part # DB4W
Description  Silicon Bidirectional Trigger Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Direct Link  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

DB4W Datasheet(HTML) 2 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

  DB4W Datasheet HTML 1Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD DB4W Datasheet HTML 2Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD DB4W Datasheet HTML 3Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DB3W/DC34W/DB4W SOD123FL
2 / 3
www.yfwdiode.com
Dongguan YFW Electronics Co, Ltd.
Diagram1: current-voltage characteristice
Diagram2: Test circuit for output voltage
220V
50Hz
10KΩ
500KΩ
D.U.T
V
O
0.1μF
R=20Ω
Diagram3
Fig.2
: Test circuit see
. Adjust R for lp=0.5A
90
%
10
%
t
r
Fig.1: Power dissipation versus ambient
temperapture(maximum values)
30
60
90
120
150
0
25
50
75
100
125
150
1.00
1.02
1.04
1.06
1.08
25
50
75
100
125
Fig.2: Power dissipation versus ambient
temperapture(maximum values)
Fig.3: Power dissipation versus ambient
temperapture(maximum values)
100
1000
10
0.01
0.1
10
1
10000
VBO
0
+V
IO
△V
- V
VO
(10mA)
+ IF
- IF
0. 5VBO
IB
IBO
tp,PULSE DURATION,µs
CASE TEMPERATURE,
°C
T ,JUNCTION TEMPERATURE,
j
°C
TJ( C)
°



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com