Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCD8220PWPR Datasheet(PDF) 21 Page - Texas Instruments

Part # UCD8220PWPR
Description  DIGITALLY MANAGED PUSH-PULL ANALOG PWM CONTROLLERS
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCD8220PWPR Datasheet(HTML) 21 Page - Texas Instruments

Back Button UCD8220PWPR Datasheet HTML 17Page - Texas Instruments UCD8220PWPR Datasheet HTML 18Page - Texas Instruments UCD8220PWPR Datasheet HTML 19Page - Texas Instruments UCD8220PWPR Datasheet HTML 20Page - Texas Instruments UCD8220PWPR Datasheet HTML 21Page - Texas Instruments UCD8220PWPR Datasheet HTML 22Page - Texas Instruments UCD8220PWPR Datasheet HTML 23Page - Texas Instruments UCD8220PWPR Datasheet HTML 24Page - Texas Instruments UCD8220PWPR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
www.ti.com
UCD8220, UCD8620
SLUS652B – MARCH 2005 – REVISED SEPTEMBER 2005
When the CS voltage is below ILIM, the driver output
restart the device in the event that it is not operating
follows the PWM command. The CLF digital output
properly. But these peripherals typically do not react
flag is monitored by the host controller to determine
fast enough to save the power stage. The UCD87K’s
when a current limit event occurs, and to then apply
local current limit comparator provides the required
the appropriate algorithm to obtain the desired current
fast protection for the power stage.
limit profile (i.e. straight line, fold back, hickup, or
The CS threshold is 25 mV below the ILIM voltage. If
latch-off).
the user attempts to command zero current while the
A benefit of this local protection feature is that the
CS pin is at ground, the CLF flag latches high until
UCD8620 devices protects the power stage if the
the CLK pin receives a pulse. At start-up, it is
software code in the digital controller becomes cor-
necessary to ensure that the ILIM pin is always
rupted. If the controller’s PWM output stays high, the
greater than the CS pin for the handshaking to work.
local current sense circuit turns off the driver output
If for any reason the CS pin comes to within 25 mV of
when an overcurrent event occurs. The system then
the ILIM pin during start-up, then the CLF flag is
goes into retry mode because most DSP and
latched high and the digital controller must poll the
microcontrollers
have
an
on-board
watchdog,
UCD8620 device, by sending it a narrow CLK pulse.
brown-out, and other supervisory peripherals to
If a fault condition is not present, the CLK pulse
resets the CLF signal to low indicating that the
UCD8620 device is ready to process power pulses.
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com