Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ACT174 Datasheet(PDF) 2 Page - ON Semiconductor

Part # 74ACT174
Description  Hex D Flip?묯lop with Master Reset
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74ACT174 Datasheet(HTML) 2 Page - ON Semiconductor

  74ACT174 Datasheet HTML 1Page - ON Semiconductor 74ACT174 Datasheet HTML 2Page - ON Semiconductor 74ACT174 Datasheet HTML 3Page - ON Semiconductor 74ACT174 Datasheet HTML 4Page - ON Semiconductor 74ACT174 Datasheet HTML 5Page - ON Semiconductor 74ACT174 Datasheet HTML 6Page - ON Semiconductor 74ACT174 Datasheet HTML 7Page - ON Semiconductor 74ACT174 Datasheet HTML 8Page - ON Semiconductor 74ACT174 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
MC74AC174, MC74ACT174
http://onsemi.com
2
Figure 2. Logic Symbol
CP
MR
Q2 Q3 Q4 Q5
D0 D1 D2 D3 D4 D5
Q1
Q0
FUNCTIONAL DESCRIPTION
The
MC74AC174/74ACT174
consists
of
six
edge−triggered D flip−flops with individual D inputs and Q
outputs. The Clock (CP) and Master Reset (MR) are
common to all flip−flops. Each D input’s state is transferred
to the corresponding flip−flop’s output following the
LOW−to−HIGHClock (CP) transition. A LOW input to the
Master Reset (MR) will force all outputs LOW independent
of Clock or Data inputs. The MC74AC174/ 74ACT174 is
useful for applications where the true output only is required
and the Clock and Master Reset are common to all storage
elements.
Figure 3. Logic Diagram
CP
MR
Q5
D5
Q
CD
NOTE: This diagram is provided only for the understanding of logic
operations and should not be used to estimate propagation
delays.
CP
D
Q4
D4
Q
CD
CP
D
Q3
D3
Q
CD
CP
D
Q2
D2
Q
CD
CP
D
Q1
D1
Q
CD
CP
D
Q0
D0
Q
CD
CP
D
MAXIMUM RATINGS*
Symbol
Parameter
Value
Unit
VCC
DC Supply Voltage (Referenced to GND)
−0.5 to +7.0
V
VIN
DC Input Voltage (Referenced to GND)
−0.5 to VCC +0.5
V
VOUT
DC Output Voltage (Referenced to GND)
−0.5 to VCC +0.5
V
IIN
DC Input Current, per Pin
±20
mA
IOUT
DC Output Sink/Source Current, per Pin
±50
mA
ICC
DC VCC or GND Current per Output Pin
±50
mA
Tstg
Storage Temperature
−65 to +150
°C
*Maximum Ratings are those values beyond which damage to the device may occur. Functional operation should be restricted to the Recom-
mended Operating Conditions.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com