Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSM0805KFST Datasheet(PDF) 1 Page - Vishay Siliconix

Part # VSM0805KFST
Description  Bulk Metal Foil Technology Discrete Surface Mount Chip Resistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VSM0805KFST Datasheet(HTML) 1 Page - Vishay Siliconix

  VSM0805KFST Datasheet HTML 1Page - Vishay Siliconix VSM0805KFST Datasheet HTML 2Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
For technical questions in the Americas, contact foilsupport1@vishay.com
For technical questions in Asia/Japan/Europe/Africa/Israel, contact foilsupport2@vishay.com
Document Number: 63061
Revision 17-Aug-04
www.vishay.com
22
VSM0805
Vishay Foil Resistors
• ISRAEL: foilsales.israel@vishay.com
• FRANCE/SWITZERLAND/SOUTHERN EUROPE: foilsales.eusouth@vishay.com
• AMERICAS: foilsales.usa@vishay.com
• ASIA/JAPAN: foilsales.asia@vishay.com • UK/HOLLAND/SCANDANAVIA: foilsales.eunorth@vishay.com • GERMANY/CZECH REPUBLIC/AUSTRIA: foilsales.eucentral@vishay.com
SALES
Bulk Metal
® Foil Technology
Discrete Surface Mount Chip Resistors
MIL-PRF-55342G
VSM
TEST
CHARACTERISTIC. E
MAXIMUM
∆R LIMITS
∆R LIMITS*
Thermal Shock
± 0.10%
± 0.02%
Low Temperature Operation
± 0.10%
± 0.02%
Short Time Overload
± 0.10%
± 0.02%
High Temperature Exposure
± 0.10%
± 0.05%
Resistance to Bonding
± 0.20%
± 0.05%
Moisture Resistance
± 0.20%
± 0.10%
Life 2000 hours @ + 70
°C
± 0.50%
± 0.025%
The VSM0805 represents the latest addition and smallest size
to the Precision Bulk Metal
® Foil (BMF) technology surface
mount chip resistor series. The VSM0805 has a conventional
full wrap around termination.
The BMF technology offers designers the lowest and most
predictable absolute Temperature Coefficient Resistance
available. The TCR is a process capability not a selection
process and for the most part is independent of ohmic value
and lot related variations.
The availability of tight absolute tolerance provides a good cost
solution for the variability of other components when compiling
the total error budget. BMF offers the best stability available;
and is an order of magnitude better than thin film technology.
The noise generated by the resistor is non measurable and its
design and construction make it well suited for high frequency
applications. The BMF is the ultimate resistor component for
analog applications.
VALUE
TIGHTEST
(
Ω)
TOLERANCE (%)*
250Ω to 12K
± 0.01
100Ω to < 250
± 0.02
50Ω to < 100
± 0.05
25Ω to < 50
± 0.1
10Ω to < 25
± 0.25
5.5Ω to <10
± 0.5
FEATURES
• Nominal TCR: + 0.6ppm/°C (0 to 25°C)
- 0.6ppm/C° (+ 25°C to + 60°C)
+ 2.2ppm/°C (- 55°C to + 25°C)
- 1.8ppm/°C (+ 25°C to + 125°C)
• Absolute Tolerance: to ± 0.01%
• Resistance Range: 5.5Ω to 12K
• Load Life Stability: ± 0.025% (2000 hours @ 70°C)
• Shelf Life Stability: 0.005% Maximum ∆R
• Voltage Coefficient: < 0.00001%/volt (< 0.1ppm/V)
• Current Noise: < - 40dB
• Non Inductive: < 0.08µH
• Terminal Finishes Available:
Lead (Pb)-free (Sn 99.3% Cu 0.7%)
Tin/Lead Alloy (Sn 62% Pb 36% Ag 2%)
*As shown + 0.01 Ohms to allow for measurement errors at low values.
The TCR for values < 100Ω are influenced by the termination
composition and result in a deviation from this curve. Contact our
application engineering department for detailed specification on low
values
TABLE 1 - TOLERANCE VERSUS RESISTANCE VALUE
*Tighter tolerances are available.
Please contact Application
Engineering. Soldering temperatures used during installation may
cause resistance to shift up to 0.05%.
TABLE 2 - TYPICAL PERFORMANCE SPECIFICATIONS
FIGURE 1 - NOMINAL TCR CURVE
Product may not
be to scale
Maximum
Spread
±2.3 ppm/°C
+125
–55
–50
–25
0
+25
+50
+75
+100
+500
+400
+300
+200
+100
0
–100
–200
–300
–400
–500
Standard
Spread
±2.0 ppm/°C
+2.2 ppm/°C
Nominal Chord
Slope (TCR)
–1.8 ppm/°C
Nominal Chord
Slope (TCR)
–55°C / +25°C / +125°C are the test points
with +25°C as the reference temperature
∆R
R
(ppm)
Nominal Resistance/
Temperature (RT) Curve
+5
ppm
-5 ppm


Similar Part No. - VSM0805KFST

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VSM VISHAY-VSM Datasheet
131Kb / 4P
High Precision Foil Wraparound Surface Mount Chip Resistor with TCR of ± 2 ppm/°C and Load Life Stability of ± 0.01 % (100 ppm)
18-Sep-08
logo
Banner Engineering Corp...
VSM BANNER-VSM Datasheet
656Kb / 7P
VSM Series Micro Sensors
VSM-2 BANNER-VSM-2 Datasheet
393Kb / 5P
VSM-2 Series Micro Sensor
logo
Vecow Co., Ltd.
VSM-200 VECOW-VSM-200 Datasheet
234Kb / 1P
SUMIT Expansion Card with 8-CH/ 4-CH H.264/ MPEG-4 Video Capture, -25째C to 70째C
VSM-200-4 VECOW-VSM-200-4 Datasheet
234Kb / 1P
SUMIT Expansion Card with 8-CH/ 4-CH H.264/ MPEG-4 Video Capture, -25째C to 70째C
More results

Similar Description - VSM0805KFST

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SMR3D VISHAY-SMR3D Datasheet
148Kb / 3P
Bulk Metal Foil Technology Precision Molded Surface Mount Resistor
16-Aug-04
VCS2516 VISHAY-VCS2516 Datasheet
92Kb / 2P
Bulk Metal Foil Technology Surface Mount Current Sensing Chip Resistors
26-Jan-05
SMR1D VISHAY-SMR1D Datasheet
69Kb / 3P
Bulk Metal Foil Technology Precision Molded Surface Mount Resistor
23-Dec-03
VSM1506 VISHAY-VSM1506 Datasheet
120Kb / 2P
Bulk Metal Foil Technology Discrete High Precision Surface Mount Chip Resistor
17-Aug-04
VSMP1206 VISHAY-VSMP1206 Datasheet
84Kb / 2P
Z-Based Bulk Metal Foil Technology Discrete High Precision Surface Mount Chip Resistor High Power - Excellent Long Term Stabilty
28-Oct-04
VSM1206 VISHAY-VSM1206 Datasheet
59Kb / 2P
Bulk Metal짰 Foil Technology Discrete High Precision Surface Mount Chip Resistor
21-May-03
VSMD1505 VISHAY-VSMD1505 Datasheet
71Kb / 2P
Bulk Metal Foil Technology Miniature, Ultimate Tracking Surface Mount Divider
24-Oct-02
SMRC1D VISHAY-SMRC1D Datasheet
84Kb / 3P
Bulk Metal짰 Foil Technology Surface Mount Precision Resistor
26-Mar-02
VHZ VISHAY-VHZ Datasheet
172Kb / 5P
Bulk Metal® Foil Technology Hermetically Sealed Resistors, Aerospace
12-Dec-05
VHHERMETIC VISHAY-VHHERMETIC Datasheet
130Kb / 5P
Bulk Metal® Foil Technology Hermetically Sealed Resistors, Aerospace
02-Mar-05
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com