Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

YF2012ID Datasheet(PDF) 2 Page - Hubbell Incorporated.

Part # YF2012ID
Description  Elect Cu Single Insul Wire Ferrules, Smooth Funnel Entry, 20 AWG, 0.71" L, Tin Plated, Gray, For use on Cu Cond.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUBBELL [Hubbell Incorporated.]
Direct Link  https://www.hubbell.com/
Logo HUBBELL - Hubbell Incorporated.

YF2012ID Datasheet(HTML) 2 Page - Hubbell Incorporated.

  YF2012ID Datasheet HTML 1Page - Hubbell Incorporated. YF2012ID Datasheet HTML 2Page - Hubbell Incorporated.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Product Details
General
Application
For Use On Copper Conductor
Insulation
Y
Material
Copper
Plated
Y
Plating Type
Tin - Electro Plated
Sub Brand
FERRULES
Type
Bootlace Ferrule
UPC
781810483305
UPC 12 Digit
7818104833055
Dimensions
Dimension - D inch
0.06 in
Dimension - D1 inch
0.05 in
Dimension - D2 inch
0.11 in
Dimension - Length Side A inch
0.71 in
Dimension - Length Side B inch
0.47 in
Conductor Related
Conductor - Copper Solid Size
20 AWG
Conductor - Copper Str Size
20 AWG
Conductor Type
CU C Solid-Size
CU C Str-Size
Certifications and Compliance
Certification - CSA Approved
No
Certification - ETL
No
Certification - UL Recognized
No
Certification - cULus
No
Standards - RoHS Compliance Status
CM
UL Listed
No
Logistics
Minimum Pack Quantity
500
For further technical assistance, please contact us
BURNDY Headquarters
47 East Industrial Park Drive
Manchester, New Hampshire 03109
Customer Service Hours:
8 AM - 8 PM Eastern Monday-Friday
Emergency Service 24-hours/365 Days
Phone: 1-800-346-4175
1-603-647-5299 (International)
YF2012ID
by Burndy
Catalog ID: YF2012ID
Prop 65 Notice
Elect Cu Single Insul Wire Ferrules, Smooth Funnel Entry, 20 AWG, 0.71"
L, Tin Plated, Gray, For use on Cu Cond.
Features: Ferrules Are Electrical Connectors Used To Terminate Stranded
Wires, Creating A Quality, Reliable Connection By Ensuring Each Wire
Strand Conducts Current When Properly Crimped, Especially Useful When
Multiple Reconnections Could Be Necessary Within Terminal Blocks Or
Other Similar Devices, No Breakage Of Wire Strands When Wire Is Bent,
Under Stress Or In A Vibration Environment, Twin Ferrule Designs Allow
Two Individual Stranded Conductors To Be Connected To The Same
Termination, Most Beneficial In Jumpering Or Other Similar Applications,
Both Styles (Single And Twin) Offer The Same Features And Benefits.The
YF-TOOL Series Has Been Designed To Crimp Both The Bare (Type YF-
UI) And Insulated (Type YF-I) Ferrules, Made Of Electrolytic Copper, Tin
Plated, Smooth Funnel Entry To Make Wire Insertion Easier, Secure
Contacting Even After Multiple Reconnections, Long-Term Contact
Resistance, No Fraying Of Strands, No Breakage Of Wire Strands When
Wire Is Bent, Under Stress Or In Vibration Environment, Rohs Compliant,
Recommended Tooling: YF3206TOOL, YF2610TOOL, YF2214TOOL,
YF2210TOOL, Series: D



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com