Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C518-250-R Datasheet(PDF) 1 Page - Eaton All Rights Reserved.

Part # C518-250-R
Description  5 mm x 15 mm Fast-acting glass tube fuses
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

C518-250-R Datasheet(HTML) 1 Page - Eaton All Rights Reserved.

  C518-250-R Datasheet HTML 1Page - Eaton All Rights Reserved. C518-250-R Datasheet HTML 2Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Technical Data 2026
Effective May 2017
Supersedes September 2009
Product features
Agency information
• UL Recognition Card: Guide JDYX2, File E19180
• CSA Certification Card: Class 1422-01, File 53787
Ordering
• Specify product code: Insert packaging code prefix
before part number. E.g. BK (or TR2)/C518-2-R
• Specify option code, if desired: For insulation sleeve,
insert “S” after part series. E.g. BK/C518S-2-R
• With TR2 packaging code, lead wire length is 20.3mm
C518
5 mm x 15 mm Fast-acting glass tube fuses
•
Axial-leaded fast-acting
•
5 x 15mm physical size
•
Nickel-plated brass endcap construction
•
Optional insulation sleeve is flexible
flouropolymer (UL Flammability rating VW-1).
•
UL Listed product meets standard UL 248-14
2 seconds max.
Electrical Characteristics
Rated Current
Amp Rating
Opening Time
100%
None
100mA-5A
135%
60 minutes max.
200%
2 seconds max.
Specications
Interrupting Rating
Voltage
Typical DC Cold
Typical
Max
Part Number
Rating
at Rated Voltage (amps)
Resistance*
Melting I 2t**
Voltage
Vac
250Vac
125Vac
AC
Drop (mV)***
C518-100-R
250
35
10,000
22.30
0.0010
2230
C518-125-R
250
35
10,000
15.20
0.0019
1930
C518-250-R
250
35
10,000
5.66
0.012
1450
C518-375-R
250
35
10,000
2.53
0.039
968
C518-500-R
250
35
10,000
1.66
0.059
845
C518-750-R
250
35
10,000
0.91
0.264
686
C518-1.5-R
250
100
10,000
0.900
0.800
135
C518-2-R
250
100
10,000
0.064
1.9
136
C518-2.5-R
250
100
10,000
0.046
2.9
121
C518-3-R
250
100
10,000
0.038
6.1
116
C518-3.5-R
250
100
10,000
0.032
9.7
115
C518-4-R
250
200
10,000
0.022
16.6
88
C518-5-R
250
200
10,000
0.018
22.4
91
* DC Cold Resistance (Measured at <10% of rated current)
** Typical Melting I 2t (A2Sec) (Minimum at 10 times rated current)
***Typical Voltage Drop (Voltage drop was measured at 20°C ambient temperature at rated current)
(Ω)


Similar Part No. - C518-250-R

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
C518-250-R COOPER-C518-250-R Datasheet
234Kb / 2P
5 x 15mm Fast-Acting Glass Tube Fuses
More results

Similar Description - C518-250-R

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
GMA-1A COOPER-GMA-1A Datasheet
299Kb / 2P
5 x 20mm Fast-acting Glass Tube Fuses
C518-100-R COOPER-C518-100-R Datasheet
234Kb / 2P
5 x 15mm Fast-Acting Glass Tube Fuses
logo
Eaton All Rights Reserv...
C517 EATON-C517 Datasheet
245Kb / 2P
5 mm x 15 mm Fast-acting glass tube fuses
C520 EATON-C520 Datasheet
288Kb / 2P
5 mm x 15 mm Fast-acting glass tube fuses
C519 EATON-C519 Datasheet
315Kb / 2P
5 mm x 15 mm Time-delay glass tube fuses
GDA EATON-GDA Datasheet
321Kb / 2P
5 mm x 20 mm Fast-acting ceramic tube fuses
GDB EATON-GDB Datasheet
627Kb / 2P
5 mm x 20 mm Fast-acting glass tube fuses
GMA EATON-GMA Datasheet
439Kb / 2P
5 mm x 20 mm Fast-acting glass tube fuses
S500 EATON-S500 Datasheet
252Kb / 2P
5 mm x 20 mm Fast-acting glass tube fuses
S501 EATON-S501 Datasheet
860Kb / 2P
5 mm x 20 mm Fast-acting ceramic tube fuses
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com