Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HRK-R Datasheet(PDF) 1 Page - Eaton All Rights Reserved.

Part # HRK-R
Description  1/4??x 7/8??to 1/4" x 1 1/4" Universal in-line fuse holder
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

HRK-R Datasheet(HTML) 1 Page - Eaton All Rights Reserved.

  HRK-R Datasheet HTML 1Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Technical Data 2111
Effective June 2017
Supersedes September 2009
Eaton
Electronics Division
1000 Eaton Boulevard
Cleveland, OH 44122
United States
www.eaton.com/electronics
© 2017 Eaton
All Rights Reserved
Printed in USA
Publication No. 2111 BU-SB09868
June 2017
Eaton is a registered trademark.
All other trademarks are property
of their respective owners.
Life Support Policy: Eaton does not authorize the use of any of its products for use in life support devices or systems without the express written
approval of an officer of the Company. Life support systems are devices which support or sustain life, and whose failure to perform, when properly used
in accordance with instructions for use provided in the labeling, can be reasonably expected to result in significant injury to the user.
Eaton reserves the right, without notice, to change design or construction of any products and to discontinue or limit distribution of any products. Eaton also
reserves the right to change or update, without notice, any technical information contained in this bulletin.
HRK
1/4” x 7/8” to 1/4" x 1 1/4" Universal in-line fuse holder
Product features
•
For 1/4" diameter x 7/8" to 1/4" x 1 1/4" small
dimension fuses
•
#14 AWG copper wire leads
•
8" (203 mm) leads
•
Three springs furnished to accept different
fuse lengths
•
Flammability rating: UL 94V0
Ordering
Specify packaging, product, and option code
Specifications
Product
Voltage
Current
Code
Rating
Rating
HRK-R
32V
15A
Dimensions – in (mm)
Drawing Not to Scale
Packaging Code
Packaging Code Pr x
Description
Blank
10 fuse holders packed into a carton
BK
100 fuse holders packed into a carton


Similar Part No. - HRK-R

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
HRK-R COOPER-HRK-R Datasheet
152Kb / 1P
1/4??x 7/8??to 1 1/4??Universal In-Line Fuse Holders
HRK-R COOPER-HRK-R Datasheet
152Kb / 1P
Universal In-Line Fuse Holders
More results

Similar Description - HRK-R

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
S8000 COOPER-S8000 Datasheet
120Kb / 2P
1/4" x 11/4" Fuse Blocks
HRK COOPER-HRK Datasheet
152Kb / 1P
1/4??x 7/8??to 1 1/4??Universal In-Line Fuse Holders
HHB COOPER-HHB Datasheet
163Kb / 1P
1??? x 7??? to 1 1??? In-Line Fuse Holders
HFB COOPER-HFB Datasheet
107Kb / 1P
1/4" x 1-1/4" Fuse Holders
HHB-R COOPER-HHB-R Datasheet
163Kb / 1P
1/4 X 7/8" TO 1 1/4 In-Line Fuse Holders
logo
List of Unclassifed Man...
HJL ETC1-HJL Datasheet
153Kb / 1P
1/4" x 1" (6.4 mm x 25.4mm) Lamp indicating fuse holder
HKL ETC1-HKL Datasheet
563Kb / 1P
1/4" x 1 1/4" Panel-mount indicating fuse holder
logo
Eaton All Rights Reserv...
HFA EATON-HFA Datasheet
213Kb / 1P
1/4??x 1 1/4??in-line water-resistant fuse
HRJ EATON-HRJ Datasheet
742Kb / 1P
1/4" x various length and SFE in-line fuse holder
HFB EATON-HFB Datasheet
377Kb / 1P
1/4??x 1 1/4??in-line waterproof fuse holder
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com