Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2321981 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 2321981
Description  Passive module - FLKM-2KS40/PMT/ST/YCS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2321981 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  2321981 Datasheet HTML 1Page - PHOENIX CONTACT 2321981 Datasheet HTML 2Page - PHOENIX CONTACT 2321981 Datasheet HTML 3Page - PHOENIX CONTACT 2321981 Datasheet HTML 4Page - PHOENIX CONTACT 2321981 Datasheet HTML 5Page - PHOENIX CONTACT 2321981 Datasheet HTML 6Page - PHOENIX CONTACT 2321981 Datasheet HTML 7Page - PHOENIX CONTACT 2321981 Datasheet HTML 8Page - PHOENIX CONTACT 2321981 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
https://www.phoenixcontact.com/us/products/2321981
08/29/2016   Page 1 / 20
Passive module - FLKM-2KS40/PMT/ST/YCS - 2321981
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
1:1 interface module for Yokogawa AAI 141, AAI 143, AAV 141, AAV 142, AAI 543, AAV 542, AAI 841 and AAB
841 analog I/O modules. Redundant system connection, screw connections with knife disconnection on the field
side.
Key Commercial Data
Packing unit
1 STK
Weight per Piece (excluding packing)
495.000 g
Custom tariff number
85369010
Country of origin
Germany
Technical data
Dimensions
Width
180 mm
Height
111 mm
Depth
57 mm
Ambient conditions
Ambient temperature (operation)
-20 °C ... 70 °C
Ambient temperature (storage/transport)
-20 °C ... 70 °C
General
Max. perm. operating voltage
24 V DC ±10 %
Max. perm. current (per branch)
100 mA
Mounting position
any
Assembly instructions
In rows with zero spacing
Standards/regulations
DIN EN 50178
Rated surge voltage
0.8 kV


Similar Part No. - 2321981

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
2321916 TEC-2321916 Datasheet
561Kb / 9P
Waterproof Signal Double Lock Connector System
2321918 TEC-2321918 Datasheet
561Kb / 9P
Waterproof Signal Double Lock Connector System
2321918-2 TEC-2321918-2 Datasheet
1Mb / 2P
2.5MM SEALED SIGNAL DOUBLE LOCK CONNECTORS
06/20
2321918-3 TEC-2321918-3 Datasheet
1Mb / 2P
2.5MM SEALED SIGNAL DOUBLE LOCK CONNECTORS
06/20
2321918-4 TEC-2321918-4 Datasheet
1Mb / 2P
2.5MM SEALED SIGNAL DOUBLE LOCK CONNECTORS
06/20
More results

Similar Description - 2321981

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2314260 PHOENIX-2314260 Datasheet
75Kb / 5P
Passive module - FLKM-KS40/AO16/YCS
2314464 PHOENIX-2314464 Datasheet
114Kb / 17P
Passive module - FLKM-KS50/SI/YCS
2314642 PHOENIX-2314642 Datasheet
71Kb / 6P
Passive module - FLKM-KS40/YCS
2314752 PHOENIX-2314752 Datasheet
85Kb / 14P
Passive module - FLKM-2KS40/YCS/ZFKDS
2321826 PHOENIX-2321826 Datasheet
90Kb / 14P
Passive module - FLKM-2KS40/SPT/CS
2321884 PHOENIX-2321884 Datasheet
130Kb / 6P
Passive module - FLKM-2KS50/PMT/ADV151/YCS
2321923 PHOENIX-2321923 Datasheet
157Kb / 17P
Passive module - FLKM-2KS50/PMT/ADV151/Z/YCS
2321936 PHOENIX-2321936 Datasheet
80Kb / 6P
Passive module - FLKM-2KS40/PMT/SI/Z/YCS
2901056 PHOENIX-2901056 Datasheet
65Kb / 5P
Passive module - FLKM-2KS40/YCS
2905714 PHOENIX-2905714 Datasheet
63Kb / 4P
Passive module - FLKM-2KS50/AAR145/YCS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com