Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2005290170 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 2005290170
Description  1.00mm Pitch Easy-On FFC/FPC Connector, 1.90mm Height, Single Bottom Contact(FS19), Right-Angle, Surface Mount, ZIF, 17 Circuits
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

2005290170 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  2005290170_V01 Datasheet HTML 1Page - Molex Electronics Ltd. 2005290170_V01 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 03/05/2020
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
2005290170
Status:
Active
Overview:
FFC-FPC (SMT)
Description:
1.00mm Pitch Easy-On FFC/FPC Connector, 1.90mm Height, Single Bottom Contact
(FS19), Right-Angle, Surface Mount, ZIF, 17 Circuits
Documents:
3D Model
Product Specification 2005290000-000 (PDF)
3D Model (PDF)
Packaging Specification 2005299200-200 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
FFC/FPC Connectors
Series
200529
Comments
Black Actuator
Overview
FFC-FPC (SMT)
Product Name
Easy-On
UPC
889056681919
Physical
Actuator Type
Flip
Circuits (Loaded)
17
Circuits (maximum)
17
Color - Resin
Beige
Contact Position
Bottom
Durability (mating cycles max)
25
Mated Height
1.90mm
Material - Metal
Phosphor Bronze
Material - Plating Mating
Tin-Silver-Bismuth
Material - Plating Termination
Tin-Silver-Bismuth
Material - Resin
Liquid Crystal Polymer
Net Weight
211.423/mg
Number of Rows
1
Orientation
Right Angle
PCB Locator
No
PCB Mounting
Surface Mount
PCB Retention
Yes
Packaging Type
Embossed Tape on Reel
Pitch - Mating Interface
1.00mm
Pitch - Termination Interface
1.00mm
Plating min - Mating
1.016µm
Plating min - Termination
1.016µm
Polarized to PCB
Yes
Stackable
No
Temperature Range - Operating
-40° to +85°C
Wire/Cable Type
FFC/FPC
Electrical
Current - Maximum per Contact
1.0A
Voltage - Maximum
125V AC (RMS)/DC
Material Info
Reference - Drawing Numbers
Packaging Specification
2005299200-200
Product Specification
2005290000-000
Sales Drawing
2005290000-000, 2005290006-000, 2005291000-000,
2005291006-000
Series image - Reference only
EU ELV
Not Relevant
EU RoHS
China RoHS
Compliant
REACH SVHC
Not Contained Per -
ECHA_01_2020 (16
January 2020
Halogen-Free
Status
Low-Halogen
For more information, please visit Contact US
China ROHS
Green Image
ELV
Not Relevant
RoHS Phthalates
Not Contained
Search Parts in this Series
200529 Series


Similar Part No. - 2005290170_V01

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
2005290040 MOLEX-2005290040_V01 Datasheet
44Kb / 2P
1.00mm Pitch Easy-On FFC/FPC Connector, 1.90mm Height, Single Bottom Contact (FS19), Right-Angle, Surface Mount, ZIF, 4 Circuits
2005290050 MOLEX-2005290050_V01 Datasheet
44Kb / 2P
1.00mm Pitch Easy-On FFC/FPC Connector, 1.90mm Height, Single Bottom Contact (FS19), Right-Angle, Surface Mount, ZIF, 5 Circuits
2005290060 MOLEX-2005290060_V01 Datasheet
44Kb / 2P
1.00mm Pitch Easy-On FFC/FPC Connector, 1.90mm Height, Single Bottom Contact(FS19), Right-Angle, Surface Mount, ZIF, 6 Circuits
2005290070 MOLEX-2005290070_V01 Datasheet
44Kb / 2P
1.00mm Pitch Easy-On FFC/FPC Connector, 1.90mm Height, Single Bottom Contact(FS19), Right-Angle, Surface Mount, ZIF, 7 Circuits
2005290080 MOLEX-2005290080_V01 Datasheet
44Kb / 2P
1.00mm Pitch Easy-On FFC/FPC Connector, 1.90mm Height, Single Bottom Contact(FS19), Right-Angle, Surface Mount, ZIF, 8 Circuits
More results

Similar Description - 2005290170_V01

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0528520570 MOLEX-0528520570_V01 Datasheet
28Kb / 2P
1.00mm Pitch Easy-On FFC/FPC Connector, Surface Mount, Right-Angle, Non-ZIF,Bottom Contact Style, 5 Circuits
0528521170 MOLEX-0528521170_V01 Datasheet
28Kb / 2P
1.00mm Pitch Easy-On FFC/FPC Connector, Surface Mount, Right-Angle, Non-ZIF, Bottom Contact Style, 11 Circuits
0528521770 MOLEX-0528521770_V01 Datasheet
28Kb / 2P
1.00mm Pitch Easy-On FFC/FPC Connector, Surface Mount, Right-Angle, Non-ZIF, Bottom Contact Style, 17 Circuits
2005290040 MOLEX-2005290040_V01 Datasheet
44Kb / 2P
1.00mm Pitch Easy-On FFC/FPC Connector, 1.90mm Height, Single Bottom Contact (FS19), Right-Angle, Surface Mount, ZIF, 4 Circuits
2005290050 MOLEX-2005290050_V01 Datasheet
44Kb / 2P
1.00mm Pitch Easy-On FFC/FPC Connector, 1.90mm Height, Single Bottom Contact (FS19), Right-Angle, Surface Mount, ZIF, 5 Circuits
2005290060 MOLEX-2005290060_V01 Datasheet
44Kb / 2P
1.00mm Pitch Easy-On FFC/FPC Connector, 1.90mm Height, Single Bottom Contact(FS19), Right-Angle, Surface Mount, ZIF, 6 Circuits
2005290070 MOLEX-2005290070_V01 Datasheet
44Kb / 2P
1.00mm Pitch Easy-On FFC/FPC Connector, 1.90mm Height, Single Bottom Contact(FS19), Right-Angle, Surface Mount, ZIF, 7 Circuits
2005290080 MOLEX-2005290080_V01 Datasheet
44Kb / 2P
1.00mm Pitch Easy-On FFC/FPC Connector, 1.90mm Height, Single Bottom Contact(FS19), Right-Angle, Surface Mount, ZIF, 8 Circuits
2005290090 MOLEX-2005290090_V01 Datasheet
44Kb / 2P
1.00mm Pitch Easy-On FFC/FPC Connector, 1.90mm Height, Single Bottom Contact(FS19), Right-Angle, Surface Mount, ZIF, 9 Circuits
2005290220 MOLEX-2005290220_V01 Datasheet
44Kb / 2P
1.00mm Pitch Easy-On FFC/FPC Connector, 1.90mm Height, Single Bottom Contact(FS19), Right-Angle, Surface Mount, ZIF, 22 Circuits
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com