Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTX17-18913-R Datasheet(PDF) 2 Page - Eaton All Rights Reserved.

Part # CTX17-18913-R
Description  Multi-phase power inductor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

CTX17-18913-R Datasheet(HTML) 2 Page - Eaton All Rights Reserved.

  CTX17-18913-R Datasheet HTML 1Page - Eaton All Rights Reserved. CTX17-18913-R Datasheet HTML 2Page - Eaton All Rights Reserved. CTX17-18913-R Datasheet HTML 3Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Technical Data
10272
Effective November 2015
CTX17-18913-R
Multi-phase power inductor
www.eaton.com/elx
Product Specifications
Part Number5
Inductor
phases
OCL min1
@ 0.0Adc
(nH)
OCL min1
@ I
sat1
(nH)
I
sat1
3
(amps)
OCL min2
@ I
sat2
(nH)
I
sat1
3
(amps)
SCL4
(nH)
I
sat3
3
(amps)
DCR ±10%
@ 20°C
(mΩ)
CTX17-18913-R
2
380
200
30
200
30
100
90
0.3
Packaging information (mm)
Supplied in tape and reel packaging, 200 parts per 13” diameter reel.
Dimensions (mm)
DCR measured from point “a” to point “b”
Part marking: Pin 1 dot, 17-18913-R, wwllyy = date code, R = revision level
Tolerances are ±0. 25 millimeters unless stated otherwise.
All soldering surfaces to be be coplanar within 0.13 millimeters.
Do not route traces or vias underneath the inductor
1. Open Circuit Inductance (OCL) Test parameters: 1MHz, 0.1Vrms, +25°C
2. Open Circuit Inductance (OCL) Test parameters: 1MHz, 0.1Vrms, +105°C
3. Isat1: Peak current at which OCL drops to 200nH min @ 25°C
Isat2: Peak current at which OCL drops to 200nH min @ 105°C
Isat3: Peak current at which SCL drops approximately 20% @ 105°C
4. Short Circuit Inductance (SCL) Test parameters: 1MHz, 0.1Vrms, 0.0Adc @25°C ±20% short pins 1 and 4,
measure pins 2 and 3 and divide by 2.
5. This device is licensed for use only when incorporated within a voltage regulator employing power regulating devices
manufactured by Volterra Semiconductor, LLC or Maxim Integrated Devices, Inc. No license is granted expressly or
by implication to use this device with power regulating devices manufactured by any company other than Volterra
or Maxim.
9.0
3.6
3.1
11.3
7.0
1
2
3
4
9.0±0.25
3.6±0.1
6.5±0.1
6.5±0.1
10.6±0.1
4.1±0.1
2.5±0.1
1
2
3
4
a
b
10.0 max.
11.0±0.5
18.0±0.5
Front view
Recomended pad layout
Schematic
17-18913-R
wwllyy R
Pin 1
Bottom view
Top view
User direction of feed
Section A-A
18.7
10.2
11.6
20.0
2.0 dia.
A
A
2.0
4.0
1.5 dia.
1.75
14.2
32±0.30



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com