Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FPV1507-500-R Datasheet(PDF) 1 Page - Eaton All Rights Reserved.

Part # FPV1507-500-R
Description  Dual conductor high current power inductor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

FPV1507-500-R Datasheet(HTML) 1 Page - Eaton All Rights Reserved.

  FPV1507-500-R Datasheet HTML 1Page - Eaton All Rights Reserved. FPV1507-500-R Datasheet HTML 2Page - Eaton All Rights Reserved. FPV1507-500-R Datasheet HTML 3Page - Eaton All Rights Reserved. FPV1507-500-R Datasheet HTML 4Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Technical Data 10347
Effective May 2016
Supersedes April 2015
FPV1507
Dual conductor high current power inductor
Description
Dual conductor, two-turn construction
Magnetically shielded
15.1 mm x 8.6 mm footprint surface mount
package in a 6.6 mm height
Ferrite core material
Halogen free, lead free, RoHS compliant
Applications
Multi-phase power supplies
Compatible with Picor® Cool-Power®
ZVS Buck-Boost Regulator Family (Picor part
number series PI37xx)
Environmental Data
Storage temperature range (component):
-55 °C to +125 °C
Operating temperature range: -55 °C to +125 °C
(ambient plus self-temperature rise)
Solder reflow temperature: J-STD-020D
compliant
Pb
HALOGEN
HF
FREE
Picor® and Cool-Power® are trademarks of Vicor Corporation.


Similar Part No. - FPV1507-500-R

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
FPV1006 EATON-FPV1006 Datasheet
259Kb / 4P
High current power inductors
logo
Vicor Corporation
FPV1006-125-R VICOR-FPV1006-125-R Datasheet
1Mb / 30P
8 V to 18 Vin, 15 A Cool-Power ZVS Buck Regulator
FPV1006-125-R VICOR-FPV1006-125-R Datasheet
2Mb / 41P
8V to 36VIN Cool-Power ZVS Buck Regulator Family
logo
Eaton All Rights Reserv...
FPV1006-125-R EATON-FPV1006-125-R Datasheet
259Kb / 4P
High current power inductors
logo
Vicor Corporation
FPV1006-150-R VICOR-FPV1006-150-R Datasheet
1Mb / 30P
8 V to 18 Vin, 15 A Cool-Power ZVS Buck Regulator
More results

Similar Description - FPV1507-500-R

ManufacturerPart #DatasheetDescription
logo
Caliber Electronics Inc...
PSSL-0804HC CALIBER-PSSL-0804HC Datasheet
26Kb / 1P
Power Inductor - High Current
logo
Cooper Bussmann, Inc.
FPT705 COOPER-FPT705 Datasheet
527Kb / 6P
Dual Conductor, High Current Power Inductors
logo
Eaton All Rights Reserv...
FPT705 EATON-FPT705 Datasheet
267Kb / 4P
Dual conductor, high current power inductors
FPT1006 EATON-FPT1006 Datasheet
336Kb / 4P
Dual conductor high current power inductors
logo
Shenzhen Codaca Electro...
CSBL1250 CODACA-CSBL1250 Datasheet
947Kb / 5P
High Current Power Inductor
07/14/2020
CSBL1265 CODACA-CSBL1265 Datasheet
941Kb / 5P
High Current Power Inductor
07/14/2020
CPEX2626L CODACA-CPEX2626L Datasheet
962Kb / 6P
High Current Power Inductor
07/14/2020
CPQ4228 CODACA-CPQ4228 Datasheet
783Kb / 4P
High Current Power Inductor
07/14/2020
CPU2916 CODACA-CPU2916 Datasheet
761Kb / 4P
High Current Power Inductor
07/14/2020
CSCF2918H CODACA-CSCF2918H Datasheet
832Kb / 5P
High Current Power Inductor
07/14/2020
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com