Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCM1707-1R5-R Datasheet(PDF) 2 Page - Eaton All Rights Reserved.

Part # HCM1707-1R5-R
Description  High current power inductors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

HCM1707-1R5-R Datasheet(HTML) 2 Page - Eaton All Rights Reserved.

  HCM1707-1R5-R Datasheet HTML 1Page - Eaton All Rights Reserved. HCM1707-1R5-R Datasheet HTML 2Page - Eaton All Rights Reserved. HCM1707-1R5-R Datasheet HTML 3Page - Eaton All Rights Reserved. HCM1707-1R5-R Datasheet HTML 4Page - Eaton All Rights Reserved. HCM1707-1R5-R Datasheet HTML 5Page - Eaton All Rights Reserved. HCM1707-1R5-R Datasheet HTML 6Page - Eaton All Rights Reserved. HCM1707-1R5-R Datasheet HTML 7Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.eaton.com/elx
2
Technical Data 10295
Effective August 2014
HCM1707 Series
High current power inductors
Dimensions - mm
Product specifications
Part Number6
OCL1
±20%
(μH)
FLL min.2
(μH)
I
rms
3
(amps)
I
sat
4
(amps)
DCR (mΩ)
@ 20°C
(typical)
DCR (mΩ)
@ 20°C
(maximum)
K-factor5
HCM1707-1R5-R
1.5
0.96
40
40
1.85
2.15
124
HCM1707-2R2-R
2.2
1.41
37
34
2.15
2.50
103
HCM1707-4R7-R
4.7
3.01
27
24
4.12
4.72
76
HCM1707-6R8-R
6.8
4.35
20
22
6.55
7.55
60
HCM1707-8R2-R
8.2
5.25
16
20
8.10
8.70
55
HCM1707-100-R
10
6.40
14
18
9.30
10
47
HCM1707-150-R
15
9.60
12
13
14.5
15.5
43
HCM1707-220-R
22
14.1
9.5
11
21
23
37
HCM1707-330-R
33
21.1
9.0
10
35
37
28
HCM1707-470-R
47
30.1
6.8
7.5
41
47
25
HCM1707-680-R
68
43.5
5.2
6.5
74
85
20
1. Open Circuit Inductance (OCL) Test Parameters: 100kHz, 0.25V
rms, 0.0Adc,
+25°C.
2. Full Load Inductance (FLL): Test parameters: 100kHz, 0.25V
rms, Isat, +25°C.
3. I
rms: DC current for an approximate temperature rise of 40°C without core
loss. Derating is necessary for AC currents. PCB layout, trace thickness and
width, air-flow, and proximity of other heat generating components will affect
the temperature rise. It is recommended that the temperature of the part
not exceed +125°C under worst case operating conditions verified in the end
application.
4. I
sat: Peak current for approximately 20% rolloff at +25°C.
5. K-factor: Used to determine B
p-p for core loss (see graph). Bp-p = K * L * ∆I.
B
p-p :(Gauss), K: (K-factor from table), L: (Inductance in μH), ∆I (Peak to peak
ripple current in amps).
6. Part Number Definition: HCM1707-yyy-R
- HCM1707 = Product code and size
- yyy= Inductance value in uH, R = decimal point,
if no R is present then third character = number of zeros.
- “-R” suffix = RoHS compliant
All soldering surfaces coplanar within 0.10 millimeters.
Part marking: HCM1707; XXX = initial inductance in µH, R = decimal point;
if no R is present, last digit equals number of zeros.
wwllyy = date code, R = revision level
Color: Grey.
DCR measured between point “a” and point “b”
a
b



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com