Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPI2512V1-R68-R Datasheet(PDF) 1 Page - Eaton All Rights Reserved.

Part # MPI2512V1-R68-R
Description  High current, low profile, miniature power inductors
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

MPI2512V1-R68-R Datasheet(HTML) 1 Page - Eaton All Rights Reserved.

  MPI2512V1-R68-R Datasheet HTML 1Page - Eaton All Rights Reserved. MPI2512V1-R68-R Datasheet HTML 2Page - Eaton All Rights Reserved. MPI2512V1-R68-R Datasheet HTML 3Page - Eaton All Rights Reserved. MPI2512V1-R68-R Datasheet HTML 4Page - Eaton All Rights Reserved. MPI2512V1-R68-R Datasheet HTML 5Page - Eaton All Rights Reserved. MPI2512V1-R68-R Datasheet HTML 6Page - Eaton All Rights Reserved. MPI2512V1-R68-R Datasheet HTML 7Page - Eaton All Rights Reserved. MPI2512V1-R68-R Datasheet HTML 8Page - Eaton All Rights Reserved. MPI2512V1-R68-R Datasheet HTML 9Page - Eaton All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
MPI25-V1
High current, low profile, miniature power inductors
Technical Data Preliminary
030817
Product features
Product features
Product features
Product features
•
High current carrying capacity in compact
standard 1008 (2520 metric) footprint
•
Magnetically shielded, Low EMI
•
Rugged flexible construction
•
Inductance range from 0.33 µH to 4.7 µH
•
Current range from 1.22 A to 6.8 A
•
2.7 mm x 2.2 mm footprint surface mount
package in 1.0 mm and 1.2 mm heights
•
Moisture Sensitivity Level (MSL): 1
Applications
Applications
Applications
Applications
•
Smart phones
•
Handheld/mobile devices
•
Digital cameras
•
Media players
•
GPS
•
MP3 Players
•
Wearable electronics
•
Tablets/e-readers
Environmental
Environmental
Environmental
Environmental data
data
data
data
•
Storage temperature range (Component):
-40
°C to +125 °C
•
Operating temperature range: -40
°C to +125 °C
(ambient plus self-temperature rise)
•
Solder reflow temperature:
J-STD-020 (latest revision) compliant
•
Halogen free, lead free, RoHS compliant


Similar Part No. - MPI2512V1-R68-R

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
MPI2512V2-1R0-R EATON-MPI2512V2-1R0-R Datasheet
647Kb / 12P
High current, low profile, miniature power inductors
MPI2512V2-1R5-R EATON-MPI2512V2-1R5-R Datasheet
647Kb / 12P
High current, low profile, miniature power inductors
MPI2512V2-2R2-R EATON-MPI2512V2-2R2-R Datasheet
647Kb / 12P
High current, low profile, miniature power inductors
MPI2512V2-3R3-R EATON-MPI2512V2-3R3-R Datasheet
647Kb / 12P
High current, low profile, miniature power inductors
MPI2512V2-4R7-R EATON-MPI2512V2-4R7-R Datasheet
647Kb / 12P
High current, low profile, miniature power inductors
More results

Similar Description - MPI2512V1-R68-R

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
FP1105R1-R10-R COOPER-FP1105R1-R10-R Datasheet
339Kb / 4P
High Current, Low-Profile Power Inductors
logo
Eaton All Rights Reserv...
FP2 EATON-FP2 Datasheet
661Kb / 5P
Low profile, high current power inductors
HC8LP EATON-HC8LP Datasheet
417Kb / 4P
Low profile, high current power inductors
MPI2520 EATON-MPI2520 Datasheet
3Mb / 7P
High Current, Low Profile, Miniature Power Inductors
HC2LP EATON-HC2LP Datasheet
340Kb / 4P
Low profile, high current power inductors
MPI25-V2 EATON-MPI25-V2 Datasheet
647Kb / 12P
High current, low profile, miniature power inductors
MPI40-V2 EATON-MPI40-V2 Datasheet
1Mb / 22P
High current, low profile, miniature power inductors
MPIA25-V2 EATON-MPIA25-V2 Datasheet
648Kb / 12P
Automotive grade High current, low profile, miniature power inductors
MPIA40-V2 EATON-MPIA40-V2 Datasheet
1Mb / 22P
Automotive grade High current, low profile, miniature power inductors
MPI5451 EATON-MPI5451 Datasheet
2Mb / 8P
High current, low profile power inductors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com