Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPI5451R1-R33-R Datasheet(PDF) 2 Page - Eaton All Rights Reserved.

Part # MPI5451R1-R33-R
Description  High current, low profile power inductors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

MPI5451R1-R33-R Datasheet(HTML) 2 Page - Eaton All Rights Reserved.

  MPI5451R1-R33-R Datasheet HTML 1Page - Eaton All Rights Reserved. MPI5451R1-R33-R Datasheet HTML 2Page - Eaton All Rights Reserved. MPI5451R1-R33-R Datasheet HTML 3Page - Eaton All Rights Reserved. MPI5451R1-R33-R Datasheet HTML 4Page - Eaton All Rights Reserved. MPI5451R1-R33-R Datasheet HTML 5Page - Eaton All Rights Reserved. MPI5451R1-R33-R Datasheet HTML 6Page - Eaton All Rights Reserved. MPI5451R1-R33-R Datasheet HTML 7Page - Eaton All Rights Reserved. MPI5451R1-R33-R Datasheet HTML 8Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
www.eaton.com/elx
2
Technical Data 10247
Effective June 2014
MPI5451 Series
High current, low profile power inductors
Dimensions - mm
Product specifications
1. Open Circuit Inductance (OCL) Test Parameters: 100kHz, 0.1V
rms, 0.0Adc,
25°C
2. I
rms: DC current for an approximate temperature rise of 40°C without core
loss. Derating is necessary for AC currents. PCB layout, trace thickness and
width, air-flow, and proximity of other heat generating components will affect
the temperature rise. It is recommended that the temperature of the part
not exceed 125°C under worst case operating conditions verified in the end
application.
3. I
sat: Peak current for approximately 20% rolloff at +25°C
4. K-factor: Used to determine B
p-p for core loss (see graph). Bp-p = K * L * ∆I.
B
p-p:(Gauss), K: (K-factor from table), L: (Inductance in µH), ∆I (Peak to peak
ripple current in Amps).
5. Part Number Definition: MPI5451Rx-yyy-R
- MPI5451Rx = Product code and size
- yyy= Inductance value in uH, R = decimal point, if no R is present then third
character = number of zeros
- “-R” suffix = RoHS compliant
Part Number5
OCL1
(μH) ± 20%
I
rms
2
(Amps)
I
sat
3
(Amps)
DCR (mΩ)
@ 25°C ± 20%
K-Factor4
R1 - 1.2mm height
MPI5451R1-R33-R
0.33
6.5
11.5
13
1244
MPI5451R1-R47-R
0.47
6.1
10.9
18
995
MPI5451R1-1R0-R
1.0
4.2
7.2
30
622
MPI5451R1-1R5-R
1.5
3.4
6.1
48
498
MPI5451R1-2R2-R
2.2 ± 15%
2.6
4.8
70
452
MPI5451R1-3R3-R
3.3 ± 15%
2.3
3.8
95
355
MPI5451R1-4R7-R
4.7 ± 15%
2.1
3.5
120
293
MPI5451R1-5R6-R
5.6 ± 15%
1.9
3.1
145
249
MPI5451R1-6R8-R
6.8 ± 15%
1.7
2.8
175
237
MPI5451R1-100-R
10.0 ± 15%
1.3
2.5
290
199
MPI5451R1-150-R
15.0 ± 15%
1.1
2.2
400
155
R3 - 2.0mm height
MPI5451R3-R47-R
0.47
6.0
9.0
8.8
1244
MPI5451R3-R68-R
0.68
5.9
8.0
9.5
995
MPI5451R3-1R0-R
1.0
5.1
6.6
14
711
MPI5451R3-1R5-R
1.5
5.0
5.8
16
553
MPI5451R3-2R2-R
2.2
4.1
5.0
24
452
MPI5451R3-3R3-R
3.3
3.7
4.2
33
383
MPI5451R3-4R7-R
4.7
3.0
3.8
50
293
MPI5451R3-6R8-R
6.8
2.6
3.0
70
249
MPI5451R3-100-R
10.0
2.1
2.4
110
207
Discontinued,
Effective
February
1, 2016
or until
inventory
is depleted.
No recommended
replacement
available



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com