Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RL0607 Datasheet(PDF) 2 Page - Eaton All Rights Reserved.

Part # RL0607
Description  Unshielded radial leaded drum core inductors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

RL0607 Datasheet(HTML) 2 Page - Eaton All Rights Reserved.

  RL0607 Datasheet HTML 1Page - Eaton All Rights Reserved. RL0607 Datasheet HTML 2Page - Eaton All Rights Reserved. RL0607 Datasheet HTML 3Page - Eaton All Rights Reserved. RL0607 Datasheet HTML 4Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.eaton.com/elx
2
Technical Data 10334
Effective October 2014
RL0607 Series
Unshielded radial leaded drum core inductors
Dimensions - mm
Product specifications
Part Number4
OCL¹
(μH) ±10%
I
rms
2
(amps)
I
sat
3
(amps)
DCR (Ω)
@ 20°C max.
SRF
(MHz) typ.
RL0607-6R8-R
6.8 ± 20%
2.23
1.82
0.038
26
RL0607-100-R
10
1.82
1.51
0.058
21
RL0607-180-R
18
1.52
1.13
0.083
16
RL0607-330-R
33
1.08
0.840
0.171
11
RL0607-470-R
47
0.953
0.690
0.217
8
RL0607-820-R
82
0.686
0.530
0.426
6
RL0607-151-R
150
0.520
0.390
0.730
4
RL0607-221-R
220
0.423
0.320
1.10
3
RL0607-471-R
470
0.306
0.220
2.00
2
RL0607-821-R
820
0.219
0.170
4.13
2
RL0607-102-R
1000
0.205
0.150
4.76
1
RL0607-152-R
1500
0.166
0.120
7.20
1
1. Open Circuit Inductance (OCL) Test Parameters: 10kHz, 0.1V
rms, 0.0Adc, 25°C
2. I
rms: DC current for an approximate temperature rise of 40°C without core
loss. Derating is necessary for AC currents. PCB layout, trace thickness and
width, air-flow, and proximity of other heat generating components will affect
the temperature rise. It is recommended that the temperature of the part
not exceed 125°C under worst case operating conditions verified in the end
application.
3. I
sat: Peak current for approximately 5% rolloff at +25°C
4. Part Number Definition: RL0607-yyy-R
- RL0607 = Product code and size
- yyy= Inductance value in μH, R = decimal point,
if no R is present then third character = number of zeros.
- “-R” suffix = RoHS compliant
Side view
Recommended pad layout
Schematic
Top view
Part marking: 1xxx
wly R
1 = RL0607
xxx = inductance in µH, R = decimal point; if there is no R, then third character = number of zeros
wly = date code, R = revision level
*Lead length is after the components are trimmed from the packaging tape roll.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com