Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RL0809 Datasheet(PDF) 2 Page - Eaton All Rights Reserved.

Part # RL0809
Description  Unshielded radial leaded drum core inductors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

RL0809 Datasheet(HTML) 2 Page - Eaton All Rights Reserved.

  RL0809 Datasheet HTML 1Page - Eaton All Rights Reserved. RL0809 Datasheet HTML 2Page - Eaton All Rights Reserved. RL0809 Datasheet HTML 3Page - Eaton All Rights Reserved. RL0809 Datasheet HTML 4Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.eaton.com/elx
2
Technical Data 10279
Effective June 2014
RL0809 Series
Unshielded radial leaded drum core inductors
Dimensions - mm
Product specifications
Part Number4
OCL¹
(μH) ±10%
I
rms
2
(amps)
I
sat
3
(amps)
DCR (Ω)
@ 20°C max.
SRF
(MHz) typ.
RL0809-100-R
9.65
2.90
2.47
0.031
18
RL0809-102-R
992
0.312
0.244
2.69
2
RL0809-152-R
1504
0.255
0.198
4.00
2
RL0809-182-R
1792
0.240
0.182
4.52
1
RL0809-222-R
2204
0.207
0.164
6.06
1
RL0809-332-R
3297
0.170
0.134
9.06
1
RL0809-682-R
6796
0.123
0.093
17.3
0.69
RL0809-822-R
8209
0.106
0.085
23.1
0.67
RL0809-103-R
10002
0.099
0.077
26.4
0.59
RL0809-123-R
12011
0.093
0.070
30.0
0.52
RL0809-223-R
21989
0.070
0.052
59.7
0.39
RL0809-333-R
32998
0.058
0.042
78.9
0.31
1. Open Circuit Inductance (OCL) Test Parameters: 10kHz, 0.1V
rms, 0.0Adc, 25°C
2. I
rms: DC current for an approximate temperature rise of 40°C without core
loss. Derating is necessary for AC currents. PCB layout, trace thickness and
width, air-flow, and proximity of other heat generating components will affect
the temperature rise. It is recommended that the temperature of the part
not exceed 125°C under worst case operating conditions verified in the end
application.
3. I
sat: Peak current for approximately 5% rolloff at +25°C
4. Part Number Definition: RL0809-yyy-R
- RL0809 = Product code and size
- yyy= Inductance value in μH, R = decimal point,
if no R is present then third character = number of zeros.
- “-R” suffix = RoHS compliant



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com